Electronic Components Datasheet Search
  English  ▼

X  

MAX1124 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1124
Description  1.8V, Low-Power, 12-Bit, 250Msps ADC for Broadband Applications
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1124 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1124 Datasheet HTML 2Page - Maxim Integrated Products MAX1124 Datasheet HTML 3Page - Maxim Integrated Products MAX1124 Datasheet HTML 4Page - Maxim Integrated Products MAX1124 Datasheet HTML 5Page - Maxim Integrated Products MAX1124 Datasheet HTML 6Page - Maxim Integrated Products MAX1124 Datasheet HTML 7Page - Maxim Integrated Products MAX1124 Datasheet HTML 8Page - Maxim Integrated Products MAX1124 Datasheet HTML 9Page - Maxim Integrated Products MAX1124 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
1.8V, Low-Power, 12-Bit, 250Msps
ADC for Broadband Applications
6
________________________________________________________________________________________
SFDR vs. ANALOG INPUT AMPLITUDE
(fSAMPLE = 250MHz, fIN = 65.033MHz)
ANALOG INPUT AMPLITUDE (dBFS)
-55 -50 -45 -40 -35 -30 -25 -20 -15 -10 -5
0
35
40
45
50
55
60
65
70
75
80
HD2/HD3 vs. ANALOG INPUT AMPLITUDE
(fSAMPLE = 250MHz, fIN = 65.033MHz)
ANALOG INPUT AMPLITUDE (dBFS)
-55 -50 -45 -40 -35 -30 -25 -20 -15 -10 -5
0
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
HD2
HD3
SNR/SINAD vs. SAMPLE FREQUENCY
(fIN = 65MHz, AIN = -1dBFS)
fSAMPLE (MHz)
0
50
100
150
200
250
60
62
64
66
68
70
SNR
SINAD
SFDR vs. SAMPLE FREQUENCY
(fIN = 65MHz, AIN = -1dBFS)
fSAMPLE (MHz)
0
25 50 75 100 125 150 175 200 225 250
70
72
74
76
78
80
82
84
86
88
90
HD2/HD3 vs. SAMPLE FREQUENCY
(fIN = 65MHz, AIN = -1dBFS)
fSAMPLE (MHz)
0
50
100
150
200
250
-100
-96
-92
-88
-84
-80
-76
-72
HD2
HD3
TOTAL POWER DISSIPATION vs. SAMPLE FREQUENCY
(fIN = 65.033MHz, AIN = -1dBFS)
fSAMPLE (MHz)
0
50
100
150
200
250
0.750
0.775
0.800
0.825
0.850
0.875
0.900
INTEGRAL NONLINEARITY
vs. DIGITAL OUTPUT CODE
DIGITAL OUTPUT CODE
1365
2730
-0.3
0.2
0.7
-0.8
0
4095
DIFFERENTIAL NONLINEARITY
vs. DIGITAL OUTPUT CODE
DIGITAL OUTPUT CODE
1365
2729
-0.2
0
0.2
-0.5
0
4094
GAIN BANDWIDTH PLOT
(fSAMPLE = 250MHz, NORMALIZED TO 0dB)
ANALOG INPUT FREQUENCY (MHz)
-5.0
-4.5
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0
10
100
1000
Typical Operating Characteristics (continued)
(AVCC = OVCC = 1.8V, AGND = OGND = 0, fSAMPLE = 250MHz, AIN = -1dBFS, see each TOC for detailed information on test condi-
tions, differential input drive, differential sine-wave clock input drive, 0.1µF capacitor on REFIO, internal reference, digital output pins
differential RL = 100Ω, TA = +25°C.)
Typical Operating Characteristics (continued)
(AVCC = OVCC = 1.8V, AGND = OGND = 0, fSAMPLE = 250MHz, AIN = -1dBFS, see each TOC for detailed information on test condi-
tions, differential input drive, differential sine-wave clock input drive, 0.1µF capacitor on REFIO, internal reference, digital output pins
differential RL = 100Ω, TA = +25°C.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com