Electronic Components Datasheet Search
  English  ▼

X  

AME8855ACHT080 Datasheet(PDF) 18 Page - Analog Microelectronics

Part # AME8855ACHT080
Description  High PSRR, Low Noise, 600mA CMOS Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8855ACHT080 Datasheet(HTML) 18 Page - Analog Microelectronics

Back Button AME8855ACHT080 Datasheet HTML 14Page - Analog Microelectronics AME8855ACHT080 Datasheet HTML 15Page - Analog Microelectronics AME8855ACHT080 Datasheet HTML 16Page - Analog Microelectronics AME8855ACHT080 Datasheet HTML 17Page - Analog Microelectronics AME8855ACHT080 Datasheet HTML 18Page - Analog Microelectronics AME8855ACHT080 Datasheet HTML 19Page - Analog Microelectronics AME8855ACHT080 Datasheet HTML 20Page - Analog Microelectronics AME8855ACHT080 Datasheet HTML 21Page - Analog Microelectronics AME8855ACHT080 Datasheet HTML 22Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
AME
18
High PSRR, Low Noise, 600mA
CMOS Regulator
AME8855A
Rev. B.02
n Characterization Curve (Contd.)
Chip Enable Transient Response
1) EN= 2V/div
2) V
OUT= 500mV/div
1) EN= 2V/div
2) V
OUT= 2V/div
Chip Enable Transient Response
Chip Enable Transient Response
1) EN= 2V/div
2) V
OUT= 2V/div
Chip Enable Transient Response
1) EN= 1V/div
2) V
OUT= 500mV/div
10
µS / DIV
1
2
VOUT = 1V
I OUT = 0mA
1
2
40
µS / DIV
VOUT = 4.3V
IOUT = 0mA
1
2
VOUT = 4. 3V
IOUT = 600mA
10
µS / DIV
1
2
40
µS / DIV
VOUT = 1V
IOUT = 600mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com