Electronic Components Datasheet Search
  English  ▼

X  

AME8855ACHT080 Datasheet(PDF) 26 Page - Analog Microelectronics

Part # AME8855ACHT080
Description  High PSRR, Low Noise, 600mA CMOS Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8855ACHT080 Datasheet(HTML) 26 Page - Analog Microelectronics

Back Button AME8855ACHT080 Datasheet HTML 22Page - Analog Microelectronics AME8855ACHT080 Datasheet HTML 23Page - Analog Microelectronics AME8855ACHT080 Datasheet HTML 24Page - Analog Microelectronics AME8855ACHT080 Datasheet HTML 25Page - Analog Microelectronics AME8855ACHT080 Datasheet HTML 26Page - Analog Microelectronics AME8855ACHT080 Datasheet HTML 27Page - Analog Microelectronics AME8855ACHT080 Datasheet HTML 28Page - Analog Microelectronics AME8855ACHT080 Datasheet HTML 29Page - Analog Microelectronics AME8855ACHT080 Datasheet HTML 30Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
AME
26
High PSRR, Low Noise, 600mA
CMOS Regulator
AME8855A
Rev. B.02
n Package Dimension (Contd.)
SOT-89
TOP VIEW
FRONT VIEW
D
C
D1
SIDE VIEW
e
I
S1
D2
E2
3'
10'
BOTTOM VIEW
PIN 1
MIN
MAX
MIN
MAX
A
1.39
1.60
0.0547
0.0630
A
1
C
0.35
0.44
0.0138
0.0173
D
4.39
4.60
0.1728
0.1811
D1
1.35
1.83
0.0531
0.0720
E
2.28
2.60
0.0898
0.1024
I
0.32
0.56
0.0126
0.0220
e
H
S1
E2
2.05
2.60
0.0807
0.1024
D2
1.50
1.85
0.0591
0.0728
SYMBOLS
MILLIMETERS
INCHES
0.8 REF
0.0315 REF
1.50 REF
0.0591 REF
3.00 REF
0.1181 REF
0.70 REF
0.0276 REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com