Electronic Components Datasheet Search
  English  ▼

X  

2SC5509 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 2SC5509
Description  NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER, LOW-NOISE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5509 Datasheet(HTML) 1 Page - Renesas Technology Corp

  2SC5509 Datasheet HTML 1Page - Renesas Technology Corp 2SC5509 Datasheet HTML 2Page - Renesas Technology Corp 2SC5509 Datasheet HTML 3Page - Renesas Technology Corp 2SC5509 Datasheet HTML 4Page - Renesas Technology Corp 2SC5509 Datasheet HTML 5Page - Renesas Technology Corp 2SC5509 Datasheet HTML 6Page - Renesas Technology Corp 2SC5509 Datasheet HTML 7Page - Renesas Technology Corp 2SC5509 Datasheet HTML 8Page - Renesas Technology Corp 2SC5509 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
R09DS0056EJ0300 Rev.3.00
Page 1 of 8
Mar 5, 2013
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
Preliminary Data Sheet
2SC5509
NPN SILICON RF TRANSISTOR
FOR MEDIUM OUTPUT POWER, LOW-NOISE, HIGH-GAIN AMPLIFICATION
FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M04)
FEATURES
• Ideal for medium output power amplification
• NF = 1.2 dB TYP., Ga = 12 dB TYP. @ VCE = 2 V, IC = 10 mA, f = 2 GHz
• Maximum available power gain: MAG = 14 dB TYP. @ VCE = 2 V, IC = 50 mA, f = 2 GHz
• fT = 25 GHz technology adopted
• Flat-lead 4-pin thin-type super minimold (M04) package
ORDERING INFORMATION
Part Number
Order Number
Quantity
Package
Supplying Form
2SC5509
2SC5509-A
50 pcs (Non reel)
2SC5509-T2
2SC5509-T2-A
3 kpcs/reel
Flat-lead 4-pin
thin-type super
minimold (M04)
(Pb-Free)
• 8 mm wide embossed taping
• Pin 1 (Emitter), Pin 2 (Collector) face
the perforation side of the tape
Remark To order evaluation samples, please contact your nearby sales office.
The unit sample quantity is 50 pcs.
ABSOLUTE MAXIMUM RATINGS (TC = 25
°C)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
15
V
Collector to Emitter Voltage
VCEO
3.3
V
Emitter to Base Voltage
VEBO
1.5
V
Collector Current
IC
100
mA
Total Power Dissipation
Ptot
Note
190
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
−65 to +150
°C
Note Free air.
THERMAL RESISTANCE
Parameter
Symbol
Ratings
Unit
Junction to Case Resistance
Rth j-c
95
°C /W
Junction to Ambient Resistance
Rth j-a
650
°C /W
CAUTION
Observe precautions when handling because these devices are sensitive to electrostatic discharge.
R09DS0056EJ0300
Rev.3.00
Mar 5, 2013
<R>


Similar Part No. - 2SC5509

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5509 NEC-2SC5509 Datasheet
82Kb / 15P
NPN SILICON RF TRANSISTOR
logo
California Eastern Labs
2SC5509 CEL-2SC5509 Datasheet
1Mb / 10P
NPN SILICON RF TRANSISTOR
logo
NEC
2SC5509-T2 NEC-2SC5509-T2 Datasheet
82Kb / 15P
NPN SILICON RF TRANSISTOR
More results

Similar Description - 2SC5509

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFP450 SIEMENS-BFP450 Datasheet
49Kb / 8P
NPN Silicon RF Transistor (For medium power amplifiers)
BFR34R SIEMENS-BFR34R Datasheet
90Kb / 4P
NPN SILICON TRANSISTOR FOR LOW-NOISE RF BROADBAND AMPLIFIERS
logo
Advanced Semiconductor
NE64535 ASI-NE64535 Datasheet
18Kb / 2P
NPN SILICON LOW NOISE RF TRANSISTOR
REV. A
logo
Siemens Semiconductor G...
2N6620 SIEMENS-2N6620 Datasheet
90Kb / 4P
NPN SILICON TRANSISTOR FOR LOW NOISE RF BROADBAND AMPLIFIER
logo
Advanced Semiconductor
ALN64535 ASI-ALN64535 Datasheet
21Kb / 1P
NPN SILICON LOW NOISE RF TRANSISTOR
ALN68135 ASI-ALN68135 Datasheet
21Kb / 1P
NPN SILICON LOW NOISE RF TRANSISTOR
logo
California Eastern Labs
2SC5752 CEL-2SC5752 Datasheet
3Mb / 17P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION
2SC5754 CEL-2SC5754 Datasheet
1Mb / 12P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (0.4 W)
logo
Renesas Technology Corp
2SC5750 RENESAS-2SC5750 Datasheet
216Kb / 18P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION
July 2001
2SC5800 RENESAS-2SC5800 Datasheet
109Kb / 24P
NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW NOISE
July 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com