Electronic Components Datasheet Search
  English  ▼

X  

2SC5509 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC5509
Description  NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER, LOW-NOISE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5509 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC5509 Datasheet HTML 1Page - Renesas Technology Corp 2SC5509 Datasheet HTML 2Page - Renesas Technology Corp 2SC5509 Datasheet HTML 3Page - Renesas Technology Corp 2SC5509 Datasheet HTML 4Page - Renesas Technology Corp 2SC5509 Datasheet HTML 5Page - Renesas Technology Corp 2SC5509 Datasheet HTML 6Page - Renesas Technology Corp 2SC5509 Datasheet HTML 7Page - Renesas Technology Corp 2SC5509 Datasheet HTML 8Page - Renesas Technology Corp 2SC5509 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2SC5509
Chapter Title
R09DS0056EJ0300 Rev.3.00
Page 3 of 8
Mar 5, 2013
TYPICAL CHARACTERISTICS (TA = +25
°C, unless otherwise specified)
Thermal/DC Characteristics
VCE = 2 V
Base to Emitter Voltage VBE (V)
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
50
40
30
20
10
0
0.4
0.2
0.6
0.8
1.0
1.2
400
350
300
250
200
150
190
330
100
50
0
25
50
75
100
125
150
Ambient Temperature TA (˚C), Case Temperature TC (˚C)
TOTAL POWER DISSIPATION vs. AMBIENT
TEMPERATURE, CASE TEMPERATURE
When case temperature
is specified
Mounted on
ceramic substrate
(15
× 15 mm, t = 0.6 mm)
Free Air
200
100
150
50
0
0.01
0.1
0.001
1
10
100
Collector Current IC (mA)
DC CURRENT GAIN vs.
COLLECTOR CURRENT
VCE = 2 V
Collector to Emitter Voltage VCE (V)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
150
50
100
02
14
35
200 A
μ
100 A
μ
300 A
μ
400 A
μ
500 A
μ
600 A
μ
700 A
μ
800 A
μ
900 A
μ
1 000 A
μ
IB = 1 100
A
μ
Capacitance/fT Characteristics
f = 1 MHz
Collector to Base Voltage VCB (V)
REVERSE TRANSFER CAPACITANCE
vs. COLLECTOR TO BASE VOLTAGE
1.00
0.60
0.80
0.20
0.40
0
1.0
3.0
4.0
2.0
5.0
VCE = 3 V
f = 2 GHz
Collector Current IC (mA)
GAIN BANDWIDTH PRODUCT
vs. COLLECTOR CURRENT
30
25
20
15
10
5
0
10
100
1
1 000
Remark The graphs indicate nominal characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com