Electronic Components Datasheet Search
  English  ▼

X  

PFD3215 Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # PFD3215
Description  Coupled Chip Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

PFD3215 Datasheet(HTML) 1 Page - Coilcraft lnc.

  PFD3215 Datasheet HTML 1Page - Coilcraft lnc. PFD3215 Datasheet HTML 2Page - Coilcraft lnc. PFD3215 Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Specifications subject to change without notice.
Please check our website for latest information.
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Document 982F-1 Revised 12/05/12
Document 982F-1
Core material Ferrite
Core and winding loss Go to online calculator
Environmental RoHS compliant, halogen free
Weight 18 – 28 mg
Terminations RoHS compliant silver-palladium-platinum-glass frit.
Ambient temperature –40°C to +85°C with
Irms current, +85°C to
+125°C with derated current
Storage temperature Component: –40°C to +125°C.
Tape and reel packaging: –40°C to +80°C
Winding to winding isolation 250 Vrms, one minute
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 2000/7
″ reel; 7500/13″ reel Plastic tape: 8 mm wide,
0.20 mm thick, 4 mm pocket spacing, 1.21 mm pocket depth
PCB washing Tested with pure water or alcohol only. For other
solvents, see Doc787_PCB_Washing.pdf.
Dimensions are in
inches
mm
2
1
4
3
L1
L2
CoupledChipInductors–PFD3215
For Flyback,
SEPIC and other
applications
The PFD3215 has a footprint less than 3.2 × 2.3 mm,
making this shielded coupled inductor ideal for applications
with limited board space. It is designed for use in a variety
of circuits including flyback, multi-output buck and SEPIC.
These inductors provide high efficiency and excellent cur-
rent handling in a rugged, low cost part.
They can also be used as two single inductors connected
in series or parallel, as a wideband transformers or as a
common mode choke.
0.059
1,5
max
max
0.092
2,33
0.025
0,635
0.088
2,24
0.024
0,610
0.030
0,762
0.028
0,711
0.078
1,98
0.014 ±0.003
0,356 ±0,0762
0.006
0,15
Recommended
Land Pattern
max
0.131
3,32
12
4
3
12
4
3
L1
L2
+
+
–
–
D
C
C
Typical Flyback Converter
VOUT
VIN
SW
L1
L2
++
+
––
–
D
D
C
C
SW
Typical Buck Converter with auxiliary output
VOUT
VOUT
VOUT
AUX
VIN
VIN
L1
L2
Q
C1
C
++
––
D
Typical SEPIC schematic
Refer to Application Note, Document 639,
“Selecting Coupled Inductors for SEPIC Applications”


Similar Part No. - PFD3215

ManufacturerPart #DatasheetDescription
logo
ETA-USA
PFD36SX-U1 ETA-USA-PFD36SX-U1 Datasheet
1Mb / 4P
AC/DC SWITCHING POWER SUPPLY AC INPUT 85~264 SINGLE CHANNEL OUTPUT 120 WATTS
More results

Similar Description - PFD3215

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPR4012-202AML COILCRAFT-LPR4012-202AML Datasheet
210Kb / 2P
Coupled Inductors
MSD1278T COILCRAFT-MSD1278T Datasheet
238Kb / 3P
Coupled Inductors
MSD1260-103MLD COILCRAFT-MSD1260-103MLD Datasheet
251Kb / 3P
Coupled Inductors
LPD4012 COILCRAFT-LPD4012_15 Datasheet
413Kb / 3P
Coupled Inductors
LPD5010 COILCRAFT-LPD5010 Datasheet
433Kb / 3P
Coupled Inductors
LPD6235 COILCRAFT-LPD6235 Datasheet
453Kb / 3P
Coupled Inductors
MSC1278 COILCRAFT-MSC1278 Datasheet
235Kb / 2P
Coupled Inductors
MSD1048 COILCRAFT-MSD1048 Datasheet
512Kb / 3P
Coupled Inductors
MSD1260 COILCRAFT-MSD1260_15 Datasheet
513Kb / 3P
Coupled Inductors
PFD2015 COILCRAFT-PFD2015 Datasheet
557Kb / 3P
Coupled Chip Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com