Electronic Components Datasheet Search
  English  ▼

X  

PFD3215 Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # PFD3215
Description  Coupled Chip Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

PFD3215 Datasheet(HTML) 2 Page - Coilcraft lnc.

  PFD3215 Datasheet HTML 1Page - Coilcraft lnc. PFD3215 Datasheet HTML 2Page - Coilcraft lnc. PFD3215 Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications subject to change without notice.
Please check our website for latest information.
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Document 982F-2 Revised 12/05/12
Document 982F-2
DCR
SRF
Coupling
Leakage
Isat (A)6
Irms (A)
Inductance2
max3
typ4
coefficient
inductance5
10%
20%
30%
both
one
Part number1
±20% (µH)
(Ohms)
(MHz)
typ
typ (µH)
drop
drop
drop
windings7 winding8
PFD3215-391ME_
0.39
0.070
600
0.89
0.08
2.10
2.30
2.40
0.98
1.39
PFD3215-102ME_
1.0
0.123
400
0.95
0.09
1.35
1.55
1.65
0.85
1.20
PFD3215-182ME_
1.8
0.250
230
0.97
0.11
1.00
1.20
1.30
0.60
0.85
PFD3215-222ME_
2.2
0.265
270
0.97
0.13
0.95
1.05
1.15
0.57
0.81
PFD3215-332ME_
3.3
0.360
190
0.98
0.14
0.75
0.83
0.90
0.55
0.78
PFD3215-472ME_
4.7
0.450
175
0.98
0.17
0.65
0.75
0.80
0.51
0.72
PFD3215-682ME_
6.8
0.630
155
0.98
0.25
0.55
0.65
0.70
0.40
0.57
PFD3215-103ME_
10
1.25
110
0.98
0.31
0.45
0.50
0.55
0.27
0.38
1. When ordering, please specify
packaging code:
PFD3215-103MEC
Packaging: C = 7
″ machine-ready reel. EIA-481 embossed plastic tape
(2000 parts per full reel).
B = Less than full reel. In tape, but not machine ready. To have
a leader and trailer added ($25 charge), use code letter C
instead.
D = 13
″ machine-ready reel. EIA-481 embossed plastic tape. Fac-
tory order only, not stocked (7500 parts per full reel).
2. Inductance shown for each winding, measured at 100 kHz, 0.1 Vrms, 0 Adc on an
Agilent/HP 4284A LCR meter or equivalent. When leads are connected in parallel,
inductance is the same value. When leads are connected in series, inductance is
four times the value.
3. DCR is for each winding.When leads are connected in parallel, DCR is half the
value.When leads are connected in series, DCR is twice the value.
4. SRF measured using an Agilent/HP 4191A or equivalent. When leads are
connected in parallel, SRF is the same value.
5. Leakage inductance is for the primary winding with the secondary windings
shorted.
6. DC current, at which the inductance drops the specified amount from its value
without current. It is the current flowing in one winding.
7. Equal current when applied to each winding simultaneously that causes a 40°C
temperature rise from 25°C ambient. See temperature rise calculation.
8. Maximum current when applied to one winding that causes a 40°C temperature
rise from 25°C ambient. See temperature rise calculation.
9. Electrical specifications at 25°C.
Refer to Doc 639 “Selecting Coupled Inductors for SEPIC Applications.”
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Inductance
Inductance
DCR
Leakage
at 0 A2
at Ipk A3
max
inductance4
Turns
Ipk3
Part number1
±20% (µH)
±20% (µH)
(Ohms)
typ (µH)
ratio
(A)
PFD3215-391ME_
0.39
0.27
0.070
0.08
1
: 1
2.40
PFD3215-102ME_
1.0
0.70
0.123
0.09
1
: 1
1.65
PFD3215-182ME_
1.8
1.26
0.250
0.11
1
: 1
1.30
PFD3215-222ME_
2.2
1.54
0.265
0.13
1
: 1
1.15
PFD3215-332ME_
3.3
2.31
0.335
0.14
1
: 1
0.90
PFD3215-472ME_
4.7
3.29
0.442
0.17
1
: 1
0.80
PFD3215-682ME_
6.8
4.76
0.600
0.25
1
: 1
0.70
PFD3215-103ME_
10
7.00
1.22
0.31
1
: 1
0.55
1. When ordering, please specify
packaging code:
PFD3215-103MEC
Packaging: C = 7
″ machine-ready reel. EIA-481 embossed plastic
tape (2000 parts per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge), use
code letter D instead.
D = 13
″ machine-ready reel. EIA-481 embossed plastic
tape. Factory order only, not stocked (7500 parts per
full reel).
PFD3215 Coupled Inductorsfor SEPIC applications
PFD3215 Coupled Inductorsfor Flyback applications
2. Inductance is for the primary, measured at 100 kHz, 0.1 Vrms, 0 Adc on
an Agilent/HP 4284A LCR meter or equivalent.
3. Peak primary current drawn at minimum input voltage.
4. Leakage inductance is for the primary winding with the secondary
windings shorted.
5. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Coupled Inductor Core and Winding Loss Calculator
This web-based utility allows you to enter frequency,
peak-to-peak (ripple) current, and
Irms current to predict
temperature rise and overall losses, including core loss.
Go to online calculator.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com