Electronic Components Datasheet Search
  English  ▼

X  

AD828AR Datasheet(PDF) 6 Page - Analog Devices

Part # AD828AR
Description  Dual, Low Power Video Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD828AR Datasheet(HTML) 6 Page - Analog Devices

Back Button AD828AR Datasheet HTML 2Page - Analog Devices AD828AR Datasheet HTML 3Page - Analog Devices AD828AR Datasheet HTML 4Page - Analog Devices AD828AR Datasheet HTML 5Page - Analog Devices AD828AR Datasheet HTML 6Page - Analog Devices AD828AR Datasheet HTML 7Page - Analog Devices AD828AR Datasheet HTML 8Page - Analog Devices AD828AR Datasheet HTML 9Page - Analog Devices AD828AR Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
REV. C
–6–
AD828
140
60
1k
10M
120
80
10k
100
100k
1M
FREQUENCY – Hz
TPC 13. Common-Mode Rejection vs. Frequency
30
10
0
100k
1M
100M
10M
20
FREQUENCY – Hz
RL = 1k
RL = 150
TPC 14. Large Signal Frequency Response
10
160
20
0
2
2
0
4
6
8
140
120
100
80
60
40
SETTLING TIME
ns
0.1%
1%
1%
0.01%
0.01%
0.1%
4
6
8
10
TPC 15. Output Swing and Error vs. Settling Time
–40
–100
10M
–70
–90
1k
–80
100
–50
–60
1M
100k
10k
FREQUENCY – Hz
VIN = 1V p-p
GAIN = +2
2ND HARMONIC
3RD HARMONIC
TPC 16. Harmonic Distortion vs. Frequency
50
0
10M
30
10
10
20
0
40
1M
100k
10k
1k
100
FREQUENCY – Hz
TPC 17. Input Voltage Noise Spectral Density vs.
Frequency
650
250
–60
140
550
350
–40
450
100
120
80
60
40
20
0
–20
TEMPERATURE – C
TPC 18. Slew Rate vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com