Electronic Components Datasheet Search
  English  ▼

X  

AD828AR Datasheet(PDF) 11 Page - Analog Devices

Part # AD828AR
Description  Dual, Low Power Video Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD828AR Datasheet(HTML) 11 Page - Analog Devices

Back Button AD828AR Datasheet HTML 4Page - Analog Devices AD828AR Datasheet HTML 5Page - Analog Devices AD828AR Datasheet HTML 6Page - Analog Devices AD828AR Datasheet HTML 7Page - Analog Devices AD828AR Datasheet HTML 8Page - Analog Devices AD828AR Datasheet HTML 9Page - Analog Devices AD828AR Datasheet HTML 10Page - Analog Devices AD828AR Datasheet HTML 11Page - Analog Devices AD828AR Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
REV. C
AD828
–11–
3
2
1
1/2
AD828
AIN
1/2
AD828
510
2
3
BIN
RZ
100FT
RG59A/U
RZ = 75
1
1/2
AD828
BOUT
5
6
7
6
5
1/2
AD828
AOUT
7
510
510
536
510
510
536
510
RZ
Figure 6. Bidirectional Transmission CKT
Full-Duplex Transmission
Superior load handling capability (50 mA min/amp), high
bandwidth, wide supply voltage range, and excellent crosstalk
rejection makes the AD828 an ideal choice for even the most
demanding high speed transmission applications.
The schematic below shows a pair of AD828s configured to
drive 100 feet of coaxial cable in a full-duplex fashion.
Two different NTSC video signals are simultaneously applied at
AIN and BIN and are recovered at AOUT and BOUT, respectively.
This situation is illustrated in Figures 7 and 8. These pictures
clearly show that each input signal appears undisturbed at its out-
put, while the unwanted signal is eliminated at either receiver.
The transmitters operate as followers, while the receivers’ gain
is chosen to take full advantage of the AD828’s unparalleled
CMRR. In practice, this gain is adjusted slightly from its
theoretical value to compensate for cable nonidealities and losses.
RZ is chosen to match the characteristic impedance of the
cable employed.
Finally, although a coaxial cable was used, the same topology
applies unmodified to a variety of cables (such as twisted pairs
often used in telephony).
10
90
0%
100
500mV
500mV
10µs
AIN
BOUT
Figure 7. A Transmission/B Reception
10
90
0%
100
500mV
500mV
10µs
BIN
AOUT
Figure 8. B Transmission/A Reception
A High Performance Video Line Driver
The buffer circuit shown in Figure 9 will drive a back-terminated
75
Ω video line to standard video levels (1 V p-p) with 0.1 dB
gain flatness to 40 MHz with only 0.05
° and 0.01% differential
phase and gain at the 3.58 MHz NTSC subcarrier frequency.
This level of performance, which meets the requirements for
high definition video displays and test equipment, is achieved
using only 7 mA quiescent current/amplifier.
2
3
1
1/2
AD828
8
0.1 F
4
+15V
–15V
RBT
75
RT
75
VIN
1k
1.0 F
0.1 F
1.0 F
1k
75
RT
75
Figure 9. Video Line Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com