Electronic Components Datasheet Search
  English  ▼

X  

AD7836ASZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD7836ASZ
Description  LC2MOS Quad 14-Bit DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7836ASZ Datasheet(HTML) 4 Page - Analog Devices

  AD7836ASZ Datasheet HTML 1Page - Analog Devices AD7836ASZ Datasheet HTML 2Page - Analog Devices AD7836ASZ Datasheet HTML 3Page - Analog Devices AD7836ASZ Datasheet HTML 4Page - Analog Devices AD7836ASZ Datasheet HTML 5Page - Analog Devices AD7836ASZ Datasheet HTML 6Page - Analog Devices AD7836ASZ Datasheet HTML 7Page - Analog Devices AD7836ASZ Datasheet HTML 8Page - Analog Devices AD7836ASZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD7836
–4–
REV. A
ORDERING GUIDE
Linearity
Temperature
Error
DNL
Package
Model
Range
(LSBs)
(LSBs)
Option*
AD7836AS
–40
°C to +85°C
±2
±0.9
S-44
*S = Plastic Quad Flatpack (MQFP).
ABSOLUTE MAXIMUM RATINGS
1
(TA = +25
°C unless otherwise noted)
VCC to DGND . . . . . . . . . . . . . . .–0.3 V, +7 V or VDD + 0.3 V
(Whichever Is Lower)
VDD to AGND . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, +17 V
VSS to AGND . . . . . . . . . . . . . . . . . . . . . . . . . . +0.3 V, –17 V
AGND to DGND . . . . . . . . . . . . . . . . . . . . . . –0.3 V, +0.3 V
Digital Inputs to DGND . . . . . . . . . . . . . –0.3 V, VCC + 0.3 V
VREF(+) to VREF(–) . . . . . . . . . . . . . . . . . . . . . . –0.3 V, +18 V
VREF(+) to AGND . . . . . . . . . . . . . . VSS – 0.3 V, VDD + 0.3 V
VREF(–) to AGND . . . . . . . . . . . . . . VSS – 0.3 V, VDD + 0.3 V
DUTGND to AGND . . . . . . . . . . . VSS – 0.3 V, VDD + 0.3 V
VOUT (A–D) to AGND . . . . . . . . . . VSS – 0.3 V, VDD + 0.3 V
Operating Temperature Range
Industrial (A Version) . . . . . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . +150
°C
MQFP Package, Power Dissipation . . . . . . . . . . . . . . 480 mW
θ
JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . 95
°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
NOTES
1Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in
the operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
2Transient currents of up to 100 mA will not cause SCR latch-up.
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD7836 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com