Electronic Components Datasheet Search
  English  ▼

X  

AD8032AR Datasheet(PDF) 4 Page - Analog Devices

Part # AD8032AR
Description  2.7 V, 800 muA, 80 MHz Rail-to-Rail I/O Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8032AR Datasheet(HTML) 4 Page - Analog Devices

  AD8032AR Datasheet HTML 1Page - Analog Devices AD8032AR Datasheet HTML 2Page - Analog Devices AD8032AR Datasheet HTML 3Page - Analog Devices AD8032AR Datasheet HTML 4Page - Analog Devices AD8032AR Datasheet HTML 5Page - Analog Devices AD8032AR Datasheet HTML 6Page - Analog Devices AD8032AR Datasheet HTML 7Page - Analog Devices AD8032AR Datasheet HTML 8Page - Analog Devices AD8032AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Data Sheet
AD8031/AD8032
Rev. F | Page 3 of 20
SPECIFICATIONS
+2.7 V SUPPLY
@ TA = 25°C, VS = 2.7 V, RL = 1 kΩ to 1.35 V, RF = 2.5 kΩ, unless otherwise noted.
Table 1.
AD8031A/AD8032A
AD8031B/AD8032B
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
–3 dB Small Signal Bandwidth
G = +1, VO < 0.4 V p-p
54
80
54
80
MHz
Slew Rate
G = −1, VO = 2 V step
25
30
25
30
V/µs
Settling Time to 0.1%
G = −1, VO = 2 V step, CL = 10 pF
125
125
ns
DISTORTION/NOISE PERFORMANCE
Total Harmonic Distortion
fC = 1 MHz, VO = 2 V p-p, G = +2
−62
−62
dBc
fC = 100 kHz, VO = 2 V p-p, G = +2
−86
−86
dBc
Input Voltage Noise
f = 1 kHz
15
15
nV/√Hz
Input Current Noise
f = 100 kHz
0.4
0.4
pA/√Hz
f = 1 kHz
5
5
pA/√Hz
Crosstalk (AD8032 Only)
f = 5 MHz
−60
−60
dB
DC PERFORMANCE
Input Offset Voltage
VCM = VCC/2; VOUT = 1.35 V
±1
±6
±0.5
±1.5
mV
TMIN to TMAX
±6
±10
±1.6
±2.5
mV
Offset Drift
VCM = VCC/2; VOUT = 1.35 V
10
10
µV/°C
Input Bias Current
VCM = VCC/2; VOUT = 1.35 V
0.45
2
0.45
2
µA
TMIN to TMAX
2.2
2.2
µA
Input Offset Current
50
500
50
500
nA
Open-Loop Gain
VCM = VCC/2; VOUT = 0.35 V to 2.35 V
76
80
76
80
dB
TMIN to TMAX
74
74
dB
INPUT CHARACTERISTICS
Common-Mode Input Resistance
40
40
MΩ
Differential Input Resistance
280
280
kΩ
Input Capacitance
1.6
1.6
pF
Input Voltage Range
−0.5 to
+3.2
−0.5 to
+3.2
V
Input Common-Mode Voltage Range
−0.2 to
+2.9
−0.2 to
+2.9
V
Common-Mode Rejection Ratio
VCM = 0 V to 2.7 V
46
64
46
64
dB
VCM = 0 V to 1.55 V
58
74
58
74
dB
Differential Input Voltage
3.4
3.4
V
OUTPUT CHARACTERISTICS
Output Voltage Swing Low
RL = 10 kΩ
0.05
0.02
0.05
0.02
V
Output Voltage Swing High
2.6
2.68
2.6
2.68
V
Output Voltage Swing Low
RL = 1 kΩ
0.15
0.08
0.15
0.08
V
Output Voltage Swing High
2.55
2.6
2.55
2.6
V
Output Current
15
15
mA
Short Circuit Current
Sourcing
21
21
mA
Sinking
−34
−34
mA
Capacitive Load Drive
G = +2 (See Figure 46)
15
15
pF
POWER SUPPLY
Operating Range
2.7
12
2.7
12
V
Quiescent Current per Amplifier
750
1250
750
1250
μA
Power Supply Rejection Ratio
VS− = 0 V to −1 V or
VS+ = +2.7 V to +3.7 V
75
86
75
86
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com