Electronic Components Datasheet Search
  English  ▼

X  

AD8032AR Datasheet(PDF) 21 Page - Analog Devices

Part # AD8032AR
Description  2.7 V, 800 muA, 80 MHz Rail-to-Rail I/O Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8032AR Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8032AR Datasheet HTML 13Page - Analog Devices AD8032AR Datasheet HTML 14Page - Analog Devices AD8032AR Datasheet HTML 15Page - Analog Devices AD8032AR Datasheet HTML 16Page - Analog Devices AD8032AR Datasheet HTML 17Page - Analog Devices AD8032AR Datasheet HTML 18Page - Analog Devices AD8032AR Datasheet HTML 19Page - Analog Devices AD8032AR Datasheet HTML 20Page - Analog Devices AD8032AR Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
AD8031/AD8032
Data Sheet
Rev. F | Page 20 of 20
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
Branding
AD8031ANZ
–40°C to +85°C
8-Lead PDIP
N-8
AD8031AR
–40°C to +85°C
8-Lead SOIC_N
R-8
AD8031ARZ
–40°C to +85°C
8-Lead SOIC_N
R-8
AD8031ARZ-REEL
–40°C to +85°C
8-Lead SOIC_N, 13" Tape and Reel
R-8
AD8031ARZ-REEL7
–40°C to +85°C
8-Lead SOIC_N, 7" Tape and Reel
R-8
AD8031ART-R2
–40°C to +85°C
5-Lead SOT-23
RJ-5
H0A
AD8031ART-REEL7
–40°C to +85°C
5-Lead SOT-23, 7" Tape and Reel
RJ-5
H0A
AD8031ARTZ-R2
–40°C to +85°C
5-Lead SOT-23
RJ-5
H04
AD8031ARTZ-REEL
–40°C to +85°C
5-Lead SOT-23, 13" Tape and Reel
RJ-5
H04
AD8031ARTZ-REEL7
–40°C to +85°C
5-Lead SOT-23, 7" Tape and Reel
RJ-5
H04
AD8031BNZ
–40°C to +85°C
8-Lead PDIP
N-8
AD8031BR
–40°C to +85°C
8-Lead SOIC_N
R-8
AD8031BRZ
–40°C to +85°C
8-Lead SOIC_N
R-8
AD8031BRZ-REEL
–40°C to +85°C
8-Lead SOIC_N, 13" Tape and Reel
R-8
AD8031BRZ-REEL7
–40°C to +85°C
8-Lead SOIC_N, 7" Tape and Reel
R-8
AD8031AR-EBZ
8-Lead SOIC Evaluation Board
AD8031ART-EBZ
5-Lead SOT-23 Evaluation Board
AD8032ANZ
–40°C to +85°C
8-Lead PDIP
N-8
AD8032AR
–40°C to +85°C
8-Lead SOIC_N
R-8
AD8032AR-REEL7
–40°C to +85°C
8-Lead SOIC_N, 7" Tape and Reel
R-8
AD8032ARZ
–40°C to +85°C
8-Lead SOIC_N
R-8
AD8032ARZ-REEL
–40°C to +85°C
8-Lead SOIC_N, 13" Tape and Reel
R-8
AD8032ARZ-REEL7
–40°C to +85°C
8-Lead SOIC_N, 7" Tape and Reel
R-8
AD8032ARM
–40°C to +85°C
8-Lead MSOP
RM-8
H9A
AD8032ARM-REEL
–40°C to +85°C
8-Lead MSOP, 13" Tape and Reel
RM-8
H9A
AD8032ARM-REEL7
–40°C to +85°C
8-Lead MSOP, 7" Tape and Reel
RM-8
H9A
AD8032ARMZ
–40°C to +85°C
8-Lead MSOP
RM-8
H9A#
AD8032ARMZ-REEL
–40°C to +85°C
8-Lead MSOP, 13" Tape and Reel
RM-8
H9A#
AD8032ARMZ-REEL7
–40°C to +85°C
8-Lead MSOP, 7" Tape and Reel
RM-8
H9A#
AD8032BNZ
–40°C to +85°C
8-Lead PDIP
N-8
AD8032BR
–40°C to +85°C
8-Lead SOIC_N
R-8
AD8032BR-REEL7
–40°C to +85°C
8-Lead SOIC_N, 7" Tape and Reel
R-8
AD8032BRZ
–40°C to +85°C
8-Lead SOIC_N
R-8
AD8032BRZ-REEL
–40°C to +85°C
8-Lead SOIC_N, 13" Tape and Reel
R-8
AD8032BRZ-REEL7
–40°C to +85°C
8-Lead SOIC_N, 7" Tape and Reel
R-8
AD8032AR-EBZ
8-Lead SOIC Evaluation Board
AD8032ARM-EBZ
8-Lead MSOP Evaluation Board
1
Z = RoHS Compliant Part, # denotes lead-free product may be top or bottom marked.
©2013 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D01056-0-8/13(F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com