Electronic Components Datasheet Search
  English  ▼

X  

AD9632AR Datasheet(PDF) 8 Page - Analog Devices

Part # AD9632AR
Description  Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9632AR Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9632AR Datasheet HTML 4Page - Analog Devices AD9632AR Datasheet HTML 5Page - Analog Devices AD9632AR Datasheet HTML 6Page - Analog Devices AD9632AR Datasheet HTML 7Page - Analog Devices AD9632AR Datasheet HTML 8Page - Analog Devices AD9632AR Datasheet HTML 9Page - Analog Devices AD9632AR Datasheet HTML 10Page - Analog Devices AD9632AR Datasheet HTML 11Page - Analog Devices AD9632AR Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
REV. C
–8–
AD9631/AD9632
FREQUENCY – Hz
7
1M
10M
100M
1G
VS = 5V
RL = 100
VO = 300mV p-p
6
5
4
3
2
1
0
–1
–2
–3
RF
225
RF
125
RF
425
RF
325
TPC 25. AD9632 Small Signal Frequency
Response, G = +2
FREQUENCY – Hz
0.1
1M
10M
100M
0
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
–0.7
–0.8
–0.9
VS = 5V
RL = 100
G = +2
VO = 300mV p-p
RF
325
RF
275
RF
375
RF
425
TPC 26. AD9632 0.1 dB Flatness, N Package
(for R Package Add 20
W to RF)
65
60
55
50
45
40
35
30
25
20
15
10
FREQUENCY – Hz
10k
100k
1M
1G
10M
100M
50
0
100
–150
–200
–100
–50
–250
5
0
–5
–10
–15
PHASE
GAIN
TPC 27. AD9632 Open-Loop Gain and Phase
Margin vs. Frequency, RL = 100
W
VALUE OF RF, RIN –
100 150
200
250
350
300
250
200
150
300
350
400
450
500
550
VS = 5V
RL = 100
GAIN = +2
AD9632
RL
100
49.9
RIN
RF
N PACKAGE
R PACKAGE
TPC 28. AD9632 Small Signal –3 dB Bandwidth
vs. RF, RIN
FREQUENCY – Hz
7
1M
10M
100M
6
5
4
3
2
1
0
–1
–2
–3
500M
RF
525
RF = 125
TO 525
BY 100
VS = 5V
RL = 100
VO = 4V p-p
TPC 29. AD9632 Large Signal Frequency
Response, G = +2
FREQUENCY – Hz
1
1M
10M
100M
1G
0
–1
–2
–3
–4
–5
–6
–7
–8
–9
VS = 5V
RL = 100
VO = 300mV p-p
RF, RIN
267
TPC 30. AD9632 Small Signal Frequency
Response, G = –1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com