Electronic Components Datasheet Search
  English  ▼

X  

AD9632AR Datasheet(PDF) 13 Page - Analog Devices

Part # AD9632AR
Description  Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9632AR Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9632AR Datasheet HTML 9Page - Analog Devices AD9632AR Datasheet HTML 10Page - Analog Devices AD9632AR Datasheet HTML 11Page - Analog Devices AD9632AR Datasheet HTML 12Page - Analog Devices AD9632AR Datasheet HTML 13Page - Analog Devices AD9632AR Datasheet HTML 14Page - Analog Devices AD9632AR Datasheet HTML 15Page - Analog Devices AD9632AR Datasheet HTML 16Page - Analog Devices AD9632AR Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
REV. C
AD9631/AD9632
–13–
THEORY OF OPERATION
General
The AD9631 and AD9632 are wide bandwidth, voltage feedback
amplifiers. Since their open-loop frequency response follows the
conventional 6 dB/octave roll-off, their gain bandwidth product
is basically constant. Increasing their closed-loop gain results in
a corresponding decrease in small signal bandwidth. This can
be observed by noting the bandwidth specification between the
AD9631 (gain of +1) and AD9632 (gain of +2). The AD9631/
AD9632 typically maintain 65 degrees of phase margin. This
high margin minimizes the effects of signal and noise peaking.
Feedback Resistor Choice
The value of the feedback resistor is critical for optimum perfor-
mance on the AD9631 (gain of +1) and less critical as the gain
increases. Therefore, this section is specifically targeted at the
AD9631.
At minimum stable gain (+1), the AD9631 provides optimum
dynamic performance with RF = 140
W. This resistor acts as a
parasitic suppressor only against damped RF oscillations that
can occur due to lead (input, feedback) inductance and parasitic
capacitance. This value of RF provides the best combination of
wide bandwidth, low parasitic peaking, and fast settling time.
In fact, for the same reasons, a 100
W–130 W resistor should be
placed in series with the positive input for other AD9631 noninver-
ting and all AD9631 inverting configurations. The correct
connection is shown in Figures 3 and 4.
AD9631/
AD9632
+VS
–VS
100 –130
RTERM
RIN
VIN
RG
0.1 F
10 F
0.1 F
10 F
RF
VOUT
G = 1 +
RF
RG
Figure 3. Noninverting Operation
AD9631/
AD9632
+VS
–VS
100 –130
RTERM
RIN
RG
0.1 F
10 F
0.1 F
10 F
RF
VOUT
VIN
G = –
RF
RG
Figure 4. Inverting Operation
When the AD9631 is used in the transimpedance (I to V) mode,
such as in photodiode detection, the value of RF and diode capaci-
tance (CI) are usually known. Generally, the value of RF selected
will be in the k
W range, and a shunt capacitor (CF) across RF will
be required to maintain good amplifier stability. The value of
CF required to maintain optimal flatness (<1 dB peaking) and
settling time can be estimated as
CC R
R
FO
I
F
O
F
@
()
[]
21
22
1
2
–/
where
wO is equal to the unity gain bandwidth product of the
amplifier in rad/sec, and CI is the equivalent total input
capacitance at the inverting input. Typically
wO = 800 106
rad/sec (see TPC 15).
As an example, choosing RF = 10 k
W and CI = 5 pF requires CF
to be 1.1 pF (Note: CI includes both source and parasitic circuit
capacitance). The bandwidth of the amplifier can be estimated
using the CF calculated as
f
RC
d
FF
3
16
2
@
.
AD9631
RF
VOUT
CI
II
CF
Figure 5. Transimpedance Configuration
For general voltage gain applications, the amplifier bandwidth
can be closely estimated as
f
21
R /R
3dB
FG
@
+
()
O
This estimation loses accuracy for gains of +2/–1 or lower due
to the amplifier’s damping factor. For these “low gain” cases,
the bandwidth will actually extend beyond the calculated value
(see TPCs 13 and 25).
As a general rule, capacitor CF will not be required if
RR
C
NG
FG
I
() ¥£
4
O
where NG is the noise gain (1 + RF/RG) of the circuit. For most
voltage gain applications, this should be the case.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com