Electronic Components Datasheet Search
  English  ▼

X  

CT1812S14BAUTOG Datasheet(PDF) 8 Page - EPCOS

Part # CT1812S14BAUTOG
Description  Ceramic transient voltage suppressors SMD multilayer varistor, E series
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

CT1812S14BAUTOG Datasheet(HTML) 8 Page - EPCOS

Back Button CT1812S14BAUTOG Datasheet HTML 4Page - EPCOS CT1812S14BAUTOG Datasheet HTML 5Page - EPCOS CT1812S14BAUTOG Datasheet HTML 6Page - EPCOS CT1812S14BAUTOG Datasheet HTML 7Page - EPCOS CT1812S14BAUTOG Datasheet HTML 8Page - EPCOS CT1812S14BAUTOG Datasheet HTML 9Page - EPCOS CT1812S14BAUTOG Datasheet HTML 10Page - EPCOS CT1812S14BAUTOG Datasheet HTML 11Page - EPCOS CT1812S14BAUTOG Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Ceramic transient voltage suppressors
B72580E1140S262
SMD multilayer varistor, E series
CT1812S14BAUTOG
PPD ML PD
2012-11-07
Please read Cautions and warnings and
Page 8 of 14
Important notes at the end of this document.
Taping and packaging
Tape and reel packing according to IEC 60286-3
Tape material: Blister
KKE0053-C-E
A
Section A-A
A
0
D
P2
P0
A 0
P1
1
D
0
K
T2
Direction of unreeling
B0
T
Cover tape
Dimensions and tolerances
Definition
Symbol
Dimension
[mm]
Tolerance
[mm]
Compartment width
A0
3.5
±0.2
Compartment length
B0
4.8
±0.2
Compartment height
K0
1.3
max.
Sprocket hole diameter
D0
1.5
+0.1/-0
Compartment hole diameter
D1
1.5
min.
Sprocket hole pitch
P0
4.0
±0.1 1)
Distance center hole to center compartment
P2
2.0
±0.05
Pitch of the component compartments
P1
8.0
±0.1
Tape width
W
12.0
±0.3
Distance edge to center of hole
E
1.75
±0.1
Distance center hole to center compartment
F
5.5
±0.05
Distance compartment to edge
G
0.75
min.
Overall thickness
T2
2.5
max.
Thickness tape
T
0.3
max.
1) ±0.2 mm over 10 sprocket holes.
Package: 12-mm tape



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com