Electronic Components Datasheet Search
  English  ▼

X  

CT1812S14BAUTOG Datasheet(PDF) 6 Page - EPCOS

Part # CT1812S14BAUTOG
Description  Ceramic transient voltage suppressors SMD multilayer varistor, E series
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

CT1812S14BAUTOG Datasheet(HTML) 6 Page - EPCOS

Back Button CT1812S14BAUTOG Datasheet HTML 2Page - EPCOS CT1812S14BAUTOG Datasheet HTML 3Page - EPCOS CT1812S14BAUTOG Datasheet HTML 4Page - EPCOS CT1812S14BAUTOG Datasheet HTML 5Page - EPCOS CT1812S14BAUTOG Datasheet HTML 6Page - EPCOS CT1812S14BAUTOG Datasheet HTML 7Page - EPCOS CT1812S14BAUTOG Datasheet HTML 8Page - EPCOS CT1812S14BAUTOG Datasheet HTML 9Page - EPCOS CT1812S14BAUTOG Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Ceramic transient voltage suppressors
B72580E1140S262
SMD multilayer varistor, E series
CT1812S14BAUTOG
PPD ML PD
2012-11-07
Please read Cautions and warnings and
Page 6 of 14
Important notes at the end of this document.
Recommended soldering profiles
Reflow soldering
Recommended temperature characteristic for reflow soldering following JEDEC J-STD-020D
Profile feature
Sn-Pb eutectic assembly
Pb-free assembly
Preheat and soak
- Temperature min
- Temperature max
- Time
Tsmin
Tsmax
tsmin to tsmax
100 °C
150 °C
60 … 120 s
150 °C
200 °C
60 … 180 s
Average ramp-up rate
Tsmax to Tp
3 °C/s max.
3 °C/s max.
Liquidous temperature
Time at liquidous
TL
tL
183 °C
60 … 150 s
217 °C
60 … 150 s
Peak package body temperature
Tp
1)
220 °C … 235 °C
2)
245 °C … 260 °C
2)
Time (tp)
3) within 5 °C of specified
classification temperature (Tc)
20 s
3)
30 s
3)
Average ramp-down rate
Tp to Tsmax
6 °C/s max.
6 °C/s max.
Time 25 °C to peak temperature
maximum 6 min
maximum 8 min
1)
Tolerance for peak profile temperature (Tp) is defined as a supplier minimum and a user maximum.
2)
Depending on package thickness. For details please refer to JEDEC J-STD-020D.
3)
Tolerance for time at peak profile temperature (tp) is defined as a supplier minimum and a user maximum.
Note:
All temperatures refer to topside of the package, measured on the package body surface.
Number of reflow cycles: 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com