Electronic Components Datasheet Search
  English  ▼

X  

TLP2168 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP2168
Description  Photocouplers GaA As Infrared LED & Photo IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP2168 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP2168 Datasheet HTML 1Page - Toshiba Semiconductor TLP2168 Datasheet HTML 2Page - Toshiba Semiconductor TLP2168 Datasheet HTML 3Page - Toshiba Semiconductor TLP2168 Datasheet HTML 4Page - Toshiba Semiconductor TLP2168 Datasheet HTML 5Page - Toshiba Semiconductor TLP2168 Datasheet HTML 6Page - Toshiba Semiconductor TLP2168 Datasheet HTML 7Page - Toshiba Semiconductor TLP2168 Datasheet HTML 8Page - Toshiba Semiconductor TLP2168 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TLP2168
4
9.
9.
9.
9. Electrical Characteristics (Note)
Electrical Characteristics (Note)
Electrical Characteristics (Note)
Electrical Characteristics (Note)
(Unless otherwise specified, T
(Unless otherwise specified, T
(Unless otherwise specified, T
(Unless otherwise specified, Taaaa = -40 to 125
= -40 to 125
= -40 to 125
= -40 to 125
, V
, V
, V
, VCC
CC
CC
CC
= 2.7 to 5.5 V)
= 2.7 to 5.5 V)
= 2.7 to 5.5 V)
= 2.7 to 5.5 V)
Characteristics
Input forward voltage
Input forward voltage
temperature coefficient
Input reverse current
Input capacitance
High-level output current
Low-level output voltage
Low-level supply current
High-level supply current
Threshold input current (H/L)
Symbol
VF
∆VF/∆Ta
IR
Ct
IOH
VOL
ICCL
ICCH
IFHL
Note
(Note 1)
(Note 1)
(Note 1)
(Note 1)
(Note 1)
(Note 1)
(Note 1)
Test
Circuit
Fig.
12.1.1
Fig.
12.1.2
Fig.
12.1.3
Fig.
12.1.4
Test Condition
IF = 10 mA, Ta = 25
IF = 10 mA
VR = 5 V, Ta = 25
V = 0 V, f = 1 MHz, Ta = 25
VF = 0.8 V, VO = 5.5 V,
VCC = 5.5 V
VF = 0.8 V, VO = 5.5 V,
VCC = 5.5 V, Ta = 25
IF = 10 mA,
IO = 13 mA (Sinking)
IF1 = IF2 = 10 mA
IF = 0 mA
IO = 13 mA (Sinking),
VO < 0.6 V
Min
1.4
Typ.
1.57
-2.0
60
0.2
3.8
3.4
1.0
Max
1.8
10
50
10
0.6
8
8
5.0
Unit
V
mV/
µA
pF
µA
V
mA
Note:
All typical values are at Ta = 25.
Note 1: Each channel
10.
10.
10.
10. Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25
))))
Characteristics
Total capacitance (input to
output)
Isolation resistance
Isolation voltage
Symbol
CS
RS
BVS
Note
(Note 1)
(Note 1)
(Note 1)
Test Conditions
VS = 0 V, f = 1 MHz
VS = 500 V, R.H. ≤ 60%
AC, 1 min
AC, 1 s in oil
DC, 1 min in oil
Min
1×1012
2500
Typ.
0.8
1014
5000
5000
Max
Unit
pF
Ω
Vrms
Vdc
Note 1: This device is considered as a two-terminal device: Pins 1, 2, 3 and 4 are shorted together, and pins 5, 6, 7
and 8 are shorted together.
2012-08-08
Rev.3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com