Electronic Components Datasheet Search
  English  ▼

X  

TLP2168 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP2168
Description  Photocouplers GaA As Infrared LED & Photo IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP2168 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP2168 Datasheet HTML 1Page - Toshiba Semiconductor TLP2168 Datasheet HTML 2Page - Toshiba Semiconductor TLP2168 Datasheet HTML 3Page - Toshiba Semiconductor TLP2168 Datasheet HTML 4Page - Toshiba Semiconductor TLP2168 Datasheet HTML 5Page - Toshiba Semiconductor TLP2168 Datasheet HTML 6Page - Toshiba Semiconductor TLP2168 Datasheet HTML 7Page - Toshiba Semiconductor TLP2168 Datasheet HTML 8Page - Toshiba Semiconductor TLP2168 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TLP2168
1
Photocouplers GaAℓAs Infrared LED & Photo IC
TLP2168
TLP2168
TLP2168
TLP2168
1.
1.
1.
1. Applications
Applications
Applications
Applications
•
Plasma Display Panels (PDPs)
•
Factory Automation (FA)
•
Measuring Instruments
2.
2.
2.
2. General
General
General
General
The TLP2168 consists of high-intensity GaAℓAs infrared light-emitting diodes (LEDs) optically coupled to a high-
gain, high-speed photoreceptor chip. The TLP2168 guarantees operation at up to 125 and on supplies from 2.7
V to 5.5 V. It is offered in the SO8 package. With two LED-photoreceptor pairs, the TLP2168 helps save board
space. An internal noise shield provides superior common-mode rejection for improved noise immunity.
3.
3.
3.
3. Features
Features
Features
Features
(1)
Inverter logic type (open collector output)
(2)
Package: SO8
(3)
Operating temperature: -40 to 125
(4)
Supply voltage: 2.7 to 5.5 V
(5)
Data transfer rate: 20 MBd (typ.)(NRZ)
(6)
Threshold input current: 5.0 mA (max)
(7)
Supply current: 8 mA (max)
(8)
Common-mode transient immunity: ±15 kV/µs (min)
(9)
Isolation voltage: 2500 Vrms (min)
(10) Safety standards
UL-approved: UL1577 File No.E67349
cUL-approved: CSA Component Acceptance Service No.5A, File No.E67349
VDE-approved: Option (V4) EN60747-5-2 (Note)
Note:
When an EN60747-5-2 approved type is needed, please designate the Option (V4)
Option (V4)
Option (V4)
Option (V4).
4.
4.
4.
4. Packaging and Pin Configuration
Packaging and Pin Configuration
Packaging and Pin Configuration
Packaging and Pin Configuration
11-5K1S
1: Anode 1
2: Cathode 1
3: Cathode 2
4: Anode 2
5: GND
6: VO2 (Output 2)
7: VO1 (Output 1)
8: VCC
2012-08-08
Rev.3.0


Similar Part No. - TLP2168

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2168 TOSHIBA-TLP2168_15 Datasheet
453Kb / 16P
Inverter logic type (open collector output)
More results

Similar Description - TLP2168

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP152 TOSHIBA-TLP152 Datasheet
207Kb / 10P
Photocouplers GaA As Infrared LED & Photo IC
TLP155 TOSHIBA-TLP155 Datasheet
200Kb / 10P
Photocouplers GaA As Infrared LED & Photo IC
TLP754 TOSHIBA-TLP754 Datasheet
375Kb / 15P
Photocouplers GaA As Infrared LED & Photo IC
TLP2303 TOSHIBA-TLP2303 Datasheet
286Kb / 13P
Photocouplers GaA As Infrared LED & Photo IC
TLP2468 TOSHIBA-TLP2468 Datasheet
327Kb / 13P
Photocouplers GaA As Infrared LED & Photo IC
TLP2451A TOSHIBA-TLP2451A Datasheet
215Kb / 10P
Photocouplers GaA-As Infrared LED and Photo IC
TLP2303 TOSHIBA-TLP2303_16 Datasheet
435Kb / 16P
Photocouplers GaA-As Infrared LED - Photo IC
TLP2309 TOSHIBA-TLP2309 Datasheet
352Kb / 13P
Photocouplers GaA-As Infrared LED - Photo IC
TLP2366 TOSHIBA-TLP2366 Datasheet
465Kb / 17P
Photocouplers GaA-As Infrared LED and Photo IC
TLP2466 TOSHIBA-TLP2466 Datasheet
231Kb / 11P
Photocouplers GaA-As Infrared LED and Photo IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com