Electronic Components Datasheet Search
  English  ▼

X  

TPCP8701 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TPCP8701
Description  TOSHIBA Transistor Silicon NPN Epitaxial Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCP8701 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TPCP8701 Datasheet HTML 1Page - Toshiba Semiconductor TPCP8701 Datasheet HTML 2Page - Toshiba Semiconductor TPCP8701 Datasheet HTML 3Page - Toshiba Semiconductor TPCP8701 Datasheet HTML 4Page - Toshiba Semiconductor TPCP8701 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TPCP8701
2004-05-11
4
1.0
0
0
0.8
1.0
0.8
rth – tw
Pulse width tw (s)
1000
1
0.001
1000
0.01
0.1
1
10
100
10
100
0.6
0.2
0.4
0.2
0.6
0.4
Collector power dissipation at the single-device
operation is 0.94W.
Collector power dissipation at the single-device value at
dual operation is 0.54W.
Collector power dissipation at the dual operation is set
to 1.08W.
Curves should be applied in thermal limited area.
Single nonrepetitive pulse Ta
= 25°C
Mounted on FR4 board (glass epoxy, 1.6 mm thick, Cu area: 645 mm
2)
(1) Single-device operation
(2) Single-device value at dual operation
Permissible Power Dissipation for
Simultaneous Operation
Permissible power dissipation for Q1
PC (W)
DC operation
Ta
= 25°C
Mounted on an FR4 board glass epoxy,
1.6 mm thick, Cu area: 645 mm
2)
※
:Single nonrepetitive pulse
Ta
= 25°C
Note that the curves for 100 ms,
10 s and DC operation will be
different when the devices aren’t
mounted on an FR4 board (glass
epoxy, 1.6 mm thick, Cu area:
645 mm
2).
Single-device operation
These characteristic curves must
be derated linearly with increase
in temperature.
1 ms※
10 ms※
100 µs※
IC max (Pulsed)※
DC operation
Ta = 25°C
IC max (Continuous)*
10 s※*
100 ms※*
Collector
−emitter voltage VCE (V)
Safe operating area
0.01
0.1
0.1
1
10
1
10
100
10 µs※
(1)
(2)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com