Electronic Components Datasheet Search
  English  ▼

X  

TPCP8701 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TPCP8701
Description  TOSHIBA Transistor Silicon NPN Epitaxial Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCP8701 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TPCP8701 Datasheet HTML 1Page - Toshiba Semiconductor TPCP8701 Datasheet HTML 2Page - Toshiba Semiconductor TPCP8701 Datasheet HTML 3Page - Toshiba Semiconductor TPCP8701 Datasheet HTML 4Page - Toshiba Semiconductor TPCP8701 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TPCP8701
2004-05-11
1
TOSHIBA Transistor Silicon NPN Epitaxial Type
TPCP8701
Portable Equipment Applications
Switching Applications
Inverter Lighting Applications
• Small footprint due to small and thin package
• High DC current gain : hFE = 400 to 1000 (IC = 0.3 A)
• Low collector-emitter saturation : VCE (sat) = 0.14 V (max)
• High-speed switching : tf = 120 ns (typ.)
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
100
V
VCEX
80
V
Collector-emitter voltage
VCEO
50
V
Emitter-base voltage
VEBO
7
V
DC (Note 1)
IC
3.0
Collector current
Pulse (Note 1 )
ICP
5.0
A
Base current
IB
300
mA
Single-device
operation
1.77
Collector power
dissipation (t = 10s)
Single-device
value at dual
operation
Pc (Note 2)
0.95
W
Single-device
operation
0.94
Collector power
dissipation (DC)
Single-device
value at dual
operation
Pc (Note 2)
0.54
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note 1: Please use devices on condition that the junction temperature is
below 150°C.
Note 2: Mounted on FR4 board (glass epoxy, 1.6 mm thick, Cu area: 645 mm
2)
Note 3: ● on lower left on the marking indicates Pin 1.
※
Weekly code: (Three digits)
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-3V1C
Weight: 0.017 g (typ.)
Week of manufacture
(01 for first week of year, continues up to 52 or 53)
Year of manufacture
(One low-order digits of calendar year)
Figure 1.
Circuit configuration
(Top View)
Figure 2. Marking
(Note 3)
Type
Lot No.
(Weekly code)
8701
8  7
6   5
1  2  3
4
※
1  2  3  4
8  7  6  5
0.33±0.05
0.28
+0.1
-0.11
1.12
+0.13
-0.12
0.475
0.65
A
0.05 M
2.9±0.1
4
1
5
8
0.8±0.05
0.17±0.02
B
B
0.05 M
A
S
0.025
S
1.12
+0.13
-0.12
0.28
+0.1
-0.11
1.Emitter1
2.Base1
3.Emitter2
4.Base2
5.Collector2
6.Collector2
7.Collector1
8.Collector1


Similar Part No. - TPCP8701

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCP8701 TOSHIBA-TPCP8701 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
More results

Similar Description - TPCP8701

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5703 TOSHIBA-2SC5703 Datasheet
166Kb / 5P
TOSHIBA Transistor Silicon NPN Epitaxial Type
2SC5713 TOSHIBA-2SC5713 Datasheet
159Kb / 5P
TOSHIBA Transistor Silicon NPN Epitaxial Type
2SC5784 TOSHIBA-2SC5784 Datasheet
178Kb / 5P
TOSHIBA Transistor Silicon NPN Epitaxial Type
2SC5785 TOSHIBA-2SC5785 Datasheet
182Kb / 5P
TOSHIBA Transistor Silicon NPN Epitaxial Type
2SC5714 TOSHIBA-2SC5714 Datasheet
112Kb / 5P
TOSHIBA Transistor Silicon NPN Epitaxial Type
17-Dec-2001
2SC5174 TOSHIBA-2SC5174 Datasheet
172Kb / 3P
TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL TYPE
2SC6033 TOSHIBA-2SC6033 Datasheet
211Kb / 5P
TOSHIBA Transistor Silicon NPN Epitaxial Type
01-Jul-2004
TPCP8504 TOSHIBA-TPCP8504 Datasheet
224Kb / 5P
TOSHIBA Transistor Silicon NPN Epitaxial Type
TTC009 TOSHIBA-TTC009 Datasheet
178Kb / 5P
TOSHIBA Transistor Silicon NPN Epitaxial Type
TMBT3904 TOSHIBA-TMBT3904 Datasheet
243Kb / 5P
TOSHIBA Transistor Silicon NPN Epitaxial Type
2018-05-17
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com