Electronic Components Datasheet Search
  English  ▼

X  

AD22035Z Datasheet(PDF) 5 Page - Analog Devices

Part # AD22035Z
Description  Precision 1.7g, -1.7g, 5g, -5g, 18g, -18g Single-/ Dual-Axis iMEMS Accelerometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD22035Z Datasheet(HTML) 5 Page - Analog Devices

  AD22035Z Datasheet HTML 1Page - Analog Devices AD22035Z Datasheet HTML 2Page - Analog Devices AD22035Z Datasheet HTML 3Page - Analog Devices AD22035Z Datasheet HTML 4Page - Analog Devices AD22035Z Datasheet HTML 5Page - Analog Devices AD22035Z Datasheet HTML 6Page - Analog Devices AD22035Z Datasheet HTML 7Page - Analog Devices AD22035Z Datasheet HTML 8Page - Analog Devices AD22035Z Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
ADXL103/ADXL203
Rev. D | Page 5 of 16
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
ADXL103
TOP VIEW
(Not to Scale)
ST 1
NC 2
COM 3
NC
4
XOUT
NC
NC
NOTES
1. NC = NO CONNECT. DO NOT CONNECT TO THIS PIN.
7
6
5
VS
+X
8
Figure 3. ADXL103 Pin Configuration
ADXL203
TOP VIEW
(Not to Scale)
ST 1
NC 2
COM 3
NC
4
XOUT
YOUT
NC
7
6
5
VS
8
+X
+Y
NOTES
1. NC = NO CONNECT. DO NOT CONNECT TO THIS PIN.
Figure 4. ADXL203 Pin Configuration
Table 5. ADXL103 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
ST
Self Test
2
NC
Do Not Connect
3
COM
Common
4
NC
Do Not Connect
5
NC
Do Not Connect
6
NC
Do Not Connect
7
XOUT
X Channel Output
8
VS
3 V to 6 V
Table 6. ADXL203 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
ST
Self Test
2
NC
Do Not Connect
3
COM
Common
4
NC
Do Not Connect
5
NC
Do Not Connect
6
YOUT
Y Channel Output
7
XOUT
X Channel Output
8
VS
3 V to 6 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com