Electronic Components Datasheet Search
  English  ▼

X  

AD22035Z Datasheet(PDF) 3 Page - Analog Devices

Part # AD22035Z
Description  Precision 1.7g, -1.7g, 5g, -5g, 18g, -18g Single-/ Dual-Axis iMEMS Accelerometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD22035Z Datasheet(HTML) 3 Page - Analog Devices

  AD22035Z Datasheet HTML 1Page - Analog Devices AD22035Z Datasheet HTML 2Page - Analog Devices AD22035Z Datasheet HTML 3Page - Analog Devices AD22035Z Datasheet HTML 4Page - Analog Devices AD22035Z Datasheet HTML 5Page - Analog Devices AD22035Z Datasheet HTML 6Page - Analog Devices AD22035Z Datasheet HTML 7Page - Analog Devices AD22035Z Datasheet HTML 8Page - Analog Devices AD22035Z Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet
ADXL103/ADXL203
Rev. D | Page 3 of 16
SPECIFICATIONS
TA = −40°C to +125°C, VS = 5 V, CX = CY = 0.1 μF, acceleration = 0 g, unless otherwise noted. All minimum and maximum specifications
are guaranteed. All typical specifications are not guaranteed.
Table 1.
ADXL103/ADXL203
AD22293
AD22035/AD22037
Parameter
Test Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
SENSOR
Each axis
Measurement Range1
±1.7
±5
±6
±18
g
Nonlinearity
% of full scale
±0.2
±1.25
±0.2
±1.25
±0.2
±1.25
%
Package Alignment Error
±1
±1
±1
Degrees
Alignment Error (ADXL203)
X to Y sensor
±0.1
±0.1
±0.1
Degrees
Cross-Axis Sensitivity
±1.5
±3
±1.5
±3
±1.5
±3
%
SENSITIVITY (RATIOMETRIC)2
Each axis
Sensitivity at XOUT, YOUT
VS = 5 V
960
1000
1040
293
312
331
94
100
106
mV/g
Sensitivity Change Due to
Temperature3
VS = 5 V
±0.3
±0.3
±0.3
%
ZERO g BIAS LEVEL (RATIOMETRIC)
Each axis
0 g Voltage at XOUT, YOUT
VS = 5 V
2.4
2.5
2.6
2.4
2.5
2.6
2.4
2.5
2.6
V
Initial 0 g Output Deviation
From Ideal
VS = 5 V, 25°C
±25
±50
±125
mg
0 g Offset vs. Temperature
±0.1
±0.8
±0.3
±1.8
±1
mg/°C
NOISE
Output Noise
<4 kHz, VS = 5 V
1
3
1
3
2
mV rms
Noise Density
110
200
130
μg/√Hz
rms
FREQUENCY RESPONSE4
CX, CY Range5
0.002
10
0.002
10
0.002
10
μF
RFILT Tolerance
24
32
40
24
32
40
24
32
40
kΩ
Sensor Resonant Frequency
5.5
5.5
5.5
kHz
SELF TEST6
Logic Input Low
1
1
1
V
Logic Input High
4
4
4
V
ST Input Resistance to GND
30
50
30
50
30
50
kΩ
Output Change at XOUT, YOUT
ST 0 to ST 1
450
750
1100
125
250
375
60
80
100
mV
OUTPUT AMPLIFIER
Output Swing Low
No load
0.05
0.2
0.05
0.2
0.05
0.2
V
Output Swing High
No load
4.5
4.8
4.5
4.8
4.5
4.8
V
POWER SUPPLY (VDD)
Operating Voltage Range
3
6
3
6
3
6
V
Quiescent Supply Current
0.7
1.1
0.7
1.1
0.7
1.1
mA
Turn-On Time7
20
20
20
ms
1 Guaranteed by measurement of initial offset and sensitivity.
2 Sensitivity is essentially ratiometric to VS. For VS = 4.75 V to 5.25 V, sensitivity is 186 mV/V/g to 215 mV/V/g.
3 Defined as the output change from ambient-to-maximum temperature or ambient-to-minimum temperature.
4 Actual frequency response controlled by user-supplied external capacitor (CX, CY).
5 Bandwidth = 1/(2 × π × 32 kΩ × C). For CX, CY = 0.002 μF, bandwidth = 2500 Hz. For CX, CY = 10 μF, bandwidth = 0.5 Hz. Minimum/maximum values are not tested.
6 Self-test response changes cubically with VS.
7 Larger values of CX, CY increase turn-on time. Turn-on time is approximately 160 × CX or CY + 4 ms, where CX, CY are in μF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com