Electronic Components Datasheet Search
  English  ▼

X  

AMP04FPZ Datasheet(PDF) 13 Page - Analog Devices

Part # AMP04FPZ
Description  Precision Single Supply Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AMP04FPZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AMP04FPZ Datasheet HTML 8Page - Analog Devices AMP04FPZ Datasheet HTML 9Page - Analog Devices AMP04FPZ Datasheet HTML 10Page - Analog Devices AMP04FPZ Datasheet HTML 11Page - Analog Devices AMP04FPZ Datasheet HTML 12Page - Analog Devices AMP04FPZ Datasheet HTML 13Page - Analog Devices AMP04FPZ Datasheet HTML 14Page - Analog Devices AMP04FPZ Datasheet HTML 15Page - Analog Devices AMP04FPZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AMP04
REV. B
–13–
20
2
018
14
12
10
16
8
6
4
TCVOOS – V/ C
120
0
60
20
40
100
80
300 UNITS
VS = 5V
VCM = 0V
Figure 22. Output Offset Drift (TCVOOS) Distribution
@ 5 V
TEMPERATURE – C
5.0
3.8
100
4.4
4.0
–25
4.2
–50
4.8
4.6
75
50
25
0
VS = 5V
RL = 100k
RL = 2k
RL = 10k
Figure 23. Output Voltage Swing vs. Temperature
@ 5 V
40
0
100
10
5
–25
–50
20
15
25
30
35
75
50
25
0
TEMPERATURE – C
VS = 5V
VS = 15V
VS = 5V, VCM = 2.5V
VS = 15V, VCM = 0V
Figure 24. Input Bias Current vs. Temperature
120
0
60
20
40
100
80
300 UNITS
VS = 15V
VCM = 0V
20
218
14
12
10
16
8
6
4
TCVOOS – V/ C
22
24
Figure 25. Output Offset Drift (TCVOOS) Distribution
@
±15 V
15.0
–15.1
100
–14.8
–15.0
–25
–14.9
–50
12.5
–14.7
–14.6
13.0
13.5
14.0
14.5
75
50
25
0
TEMPERATURE – C
VS = 5V
RL = 100k
RL = 2k
RL = 10k
RL = 2k
RL = 10k
RL = 100k
Figure 26. Output Voltage Swing vs. Temperature
@ +15 V
8
6
0
4
2
100
–25
–50
75
50
25
0
TEMPERATURE – C
VS = 5V
VS = 15V
VS = 5V, VCM = 2.5V
VS = 15V, VCM = 0V
Figure 27. Input Offset Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com