Electronic Components Datasheet Search
  English  ▼

X  

AMP04FPZ Datasheet(PDF) 3 Page - Analog Devices

Part # AMP04FPZ
Description  Precision Single Supply Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AMP04FPZ Datasheet(HTML) 3 Page - Analog Devices

  AMP04FPZ Datasheet HTML 1Page - Analog Devices AMP04FPZ Datasheet HTML 2Page - Analog Devices AMP04FPZ Datasheet HTML 3Page - Analog Devices AMP04FPZ Datasheet HTML 4Page - Analog Devices AMP04FPZ Datasheet HTML 5Page - Analog Devices AMP04FPZ Datasheet HTML 6Page - Analog Devices AMP04FPZ Datasheet HTML 7Page - Analog Devices AMP04FPZ Datasheet HTML 8Page - Analog Devices AMP04FPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AMP04
REV. B
–3–
AMP04E
AMP04F
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
NOISE
Noise Voltage Density, RTI
eN
f = 1 kHz, G = 1
270
270
nV/
√Hz
f = 1 kHz, G = 10
45
45
nV/
√Hz
f = 100 Hz, G = 100
30
30
nV/
√Hz
f = 100 Hz, G = 1000
25
25
nV/
√Hz
Noise Current Density, RTI
iN
f = 100 Hz, G = 100
4
4
pA/
√Hz
Input Noise Voltage
eN p-p
0.1 Hz to 10 Hz, G = 1
7
7
µV p-p
0.1 Hz to 10 Hz, G = 10
1.5
1.5
µV p-p
0.1 Hz to 10 Hz, G = 100
0.7
0.7
µV p-p
DYNAMIC RESPONSE
Small Signal Bandwidth
BW
G = 1, –3 dB
300
300
kHz
POWER SUPPLY
Supply Current
ISY
550
700
700
µA
–40
°C ≤ T
A
≤ +85°C
850
850
µA
Specifications subject to change without notice.
ELECTRICAL CHARACTERISTICS
AMP04E
AMP04F
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
OFFSET VOLTAGE
Input Offset Voltage
VIOS
80
400
600
µV
–40
°C ≤ TA ≤ +85°C
600
900
µV
Input Offset Voltage Drift
TCVIOS
36
µV/°C
Output Offset Voltage
VOOS
13
6
mV
–40
°C ≤ TA ≤ +85°C6
9
mV
Output Offset Voltage Drift
TCVOOS
30
50
µV/°C
INPUT CURRENT
Input Bias Current
IB
17
30
40
nA
–40
°C ≤ T
A
≤ +85°C50
60
nA
Input Bias Current Drift
TCIB
65
65
pA/
°C
Input Offset Current
IOS
25
10
nA
–40
°C ≤ T
A
≤ +85°C15
20
nA
Input Offset Current Drift
TCIOS
28
28
pA/
°C
INPUT
Common-Mode Input Resistance
4
4
G
Ω
Differential Input Resistance
4
4
G
Ω
Input Voltage Range
VIN
–12
+12
–12
+12
V
Common-Mode Rejection
CMR
–12 V
≤ VCM ≤ +12 V
G = 1
60
80
55
dB
G = 10
80
100
75
dB
G = 100
90
105
80
dB
G = 1000
90
105
80
dB
Common-Mode Rejection
CMR
–11 V
≤ V
CM
≤ +11 V
–40
°C ≤ TA ≤ +85°C
G = 1
55
50
dB
G = 10
75
70
dB
G = 100
85
75
dB
G = 1000
85
75
dB
Power Supply Rejection
PSRR
±2.5 V ≤ V
S
≤ ±18 V
–40
°C ≤ TA ≤ +85°C
G = 1
75
70
dB
G = 10
90
80
dB
G = 100
95
85
dB
G = 1000
95
85
dB
(VS =
15 V, VCM = 0 V, TA = 25 C unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com