Electronic Components Datasheet Search
  English  ▼

X  

2SA1977 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 2SA1977
Description  PNP EPITAXIAL SILICON TRANSISTOR MICROWAVE AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SA1977 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 2SA1977 Datasheet HTML 6Page - Renesas Technology Corp 2SA1977 Datasheet HTML 7Page - Renesas Technology Corp 2SA1977 Datasheet HTML 8Page - Renesas Technology Corp 2SA1977 Datasheet HTML 9Page - Renesas Technology Corp 2SA1977 Datasheet HTML 10Page - Renesas Technology Corp 2SA1977 Datasheet HTML 11Page - Renesas Technology Corp 2SA1977 Datasheet HTML 12Page - Renesas Technology Corp 2SA1977 Datasheet HTML 13Page - Renesas Technology Corp 2SA1977 Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
11
2SA1977
S-PARAMETER
(VCE = 8 V, IC = 20 mA, Zo = 50
Ω)
fS11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.310
− 47.6
20.39
144.
0.0218
77.0
0.798
− 25.2
200
0.243
− 82.1
14.87
123.
0.0375
72.7
0.611
− 37.8
300
0.205
− 107
11.25
111.
0.0514
71.4
0.488
− 43.1
400
0.165
− 125
8.95
102.
0.0643
71.6
0.417
− 45.1
500
0.172
− 140
7.329
96.6
0.0777
71.5
0.365
− 45.7
600
0.169
− 153
6.232
91.6
0.0909
71.5
0.331
− 45.8
700
0.166
− 163
5.414
87.5
0.104
71.0
0.308
− 46.5
800
0.169
− 173
4.778
83.5
0.117
70.6
0.289
− 47.3
900
0.172
179
4.3
80.2
0.130
70.0
0.274
− 47.9
1000
0.176
172
3.902
77.1
0.143
69.3
0.262
− 49.1
1100
0.182
166
3.576
74.1
0.156
68.6
0.251
− 50.4
1200
0.188
160
3.310
71.2
0.169
67.7
0.244
− 51.5
1300
0.194
156
3.080
68.7
0.182
66.7
0.235
− 53.7
1400
0.202
151
2.875
66.0
0.195
66.0
0.227
− 55.6
1500
0.209
147
2.711
63.4
0.208
64.9
0.221
− 57.0
1600
0.217
144
2.564
61.0
0.221
63.9
0.213
− 59.5
1700
0.224
140
2.431
58.6
0.234
62.8
0.209
− 61.7
1800
0.233
137
2.315
56.4
0.247
61.7
0.204
− 64.7
1900
0.240
134
2.212
54.2
0.259
60.8
0.197
− 67.9
2000
0.247
132
2.123
52.0
0.272
59.8
0.193
− 70.0
2100
0.255
129
2.037
49.8
0.284
58.3
0.188
− 73.3
2200
0.263
126
1.965
47.7
0.296
57.2
0.183
− 77.5
2300
0.272
124
1.896
45.7
0.309
56.1
0.179
− 80.1
2400
0.278
122
1.833
43.7
0.321
54.8
0.177
− 84.0
2500
0.286
120
1.778
41.7
0.332
53.7
0.171
− 87.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com