Electronic Components Datasheet Search
  English  ▼

X  

2SA1977 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SA1977
Description  PNP EPITAXIAL SILICON TRANSISTOR MICROWAVE AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SA1977 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SA1977 Datasheet HTML 1Page - Renesas Technology Corp 2SA1977 Datasheet HTML 2Page - Renesas Technology Corp 2SA1977 Datasheet HTML 3Page - Renesas Technology Corp 2SA1977 Datasheet HTML 4Page - Renesas Technology Corp 2SA1977 Datasheet HTML 5Page - Renesas Technology Corp 2SA1977 Datasheet HTML 6Page - Renesas Technology Corp 2SA1977 Datasheet HTML 7Page - Renesas Technology Corp 2SA1977 Datasheet HTML 8Page - Renesas Technology Corp 2SA1977 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
DATA SHEET
Silicon Transistor
2SA1977
PNP EPITAXIAL SILICON TRANSISTOR
MICROWAVE AMPLIFIER
1996
©
Document No. P10925EJ1V0DS00 (1st edition)
Date Published April 1996 P
Printed in Japan
PRELIMINARY DATA SHEET
FEATURES
PACKAGE DIMENSION (in millimeters)
•
High fT
fT = 8.5 GHz TYP.
•
High gain
| S21e |
2 = 12.0 dB TYP. @f = 1.0 GHz, V
CE =
−8 V, IC = −20 mA
•
High-speed switching characterstics
•
Equivalent NPN transistor is the 2SC3583.
ABSOLUTE MAXIMUM RATINGS (TA = 25 °
°°°C)
Parameter
Symbol
Rating
Unit
Collector to Base Voltage
VCB0
−20
V
Collector to Emitter Voltage
VCE0
−12
V
Emitter to Base Voltage
VEB0
−3.0
V
Collector Current
IC
−50
mA
Total Power Dissipation
PT
200
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
−65 to +150
°C
ELECTRICAL CHARACTERISTICS (TA = 25 °
°°°C)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Collector Cutoff Current
ICB0
VCB =
−10 V
−0.1
µA
Emitter Cutoff Current
IEB0
VEB =
−1 V
−0.1
µA
DC Current Gain
hFE
VCE =
−8 V, IC = −20 mA
20
100
Gain Bandwidth Product
fT
VCE =
−8 V, IC = −20 mA, f = 1 GHz
6.0
8.5
GHz
Collector Capacitance
Cre*VCB =
−10 V, IE = 0, f = 1 MHz
0.5
1
pF
Insertion Power Gain
| S21e |
2
VCE =
−8 V, IC = −20 mA, f = 1.0 GHz
8.0
12.0
dB
Noise Figure
NF
VCE =
−8 V, IC = −3 mA, f = 1 GHz
1.5
3
dB
*
Mesured by a 3-terminal bridge. Emitter and Case should be connected to the guard terminal.
hFE Classification
Rank
FB
Marking
T92
hFE
20 to 100
2.8+0.2
_
1.5
0.65
+0.1
–0.15
2
1
3
Marking
PIN CONNECTIONS
1: Emitter
2: Base
3: Collector
Marking; T92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com