Electronic Components Datasheet Search
  English  ▼

X  

BQ76PL536APAPT Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL536APAPT
Description  3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for Applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL536APAPT Datasheet(HTML) 41 Page - Texas Instruments

Back Button BQ76PL536APAPT Datasheet HTML 37Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 38Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 39Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 40Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 41Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 42Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 43Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 44Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 60 page
background image
bq76PL536A
www.ti.com
SLUSAD3A – JUNE 2011 – REVISED AUGUST 2012
IO_CONTROL REGISTER (0x31)
7
6
5
4
3
2
1
0
AUX
GIPI_OUT
GPIO_IN
0
0
SLEEP
TS2
TS1
The IO_CONTROL register controls some features of the bq76PL536A external I/O pins.
[7] (AUX):
Controls the state of the AUX output pin, which is internally connected to REG50.
0 = Open
1 = Connected to REG50
[6] (GPIO_OUT):
Controls the state of the open-drain GPIO output pin; the pin should be programmed to 1
to use the GPIO pin as an input.
0 = Output low
1 = Open-drain
[5] (GPIO_IN):
Represents the input state of GPIO pin when used as an input
0 = GPIO input is low.
1 = GPIO input is high.
[4] Not implemented. Must be written as 0.
[3] Not implemented. Must be written as 0.
[2] (SLEEP):
Places the device in a low-quiescent-current state. All CUV, COV, and OT comparators
are disabled. A 1-ms delay to stabilize the reference voltage is required to exit SLEEP
mode and return to active COV, CUV monitoring.
0 = ACTIVE mode
1 = SLEEP mode
[1..0] (TSx)
Controls the connection of the TS1(2) inputs to the ADC VSS connection point. When set,
the TSx(–) input is connected to VSS. These bits should be set to 0 to reduce the current
draw of the system.
0 = Not connected
1 = Connected
CB_CTRL REGISTER (0x32)
7
6
5
4
3
2
1
0
–
–
CBAL[6]
CBAL[5]
CBAL[4]
CBAL[3]
CBAL[2]
CBAL[1]
The CB_CTRL register determines the internal cell balance output state.
CB_CTRL b(n = 5 to 0) (CBAL(n + 1)): This bit determines if the CB(n) output is high or low.
0 = CB[n] output is low (default).
1 = CB[n] output is high (active).
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
41
Product Folder Links :bq76PL536A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com