Electronic Components Datasheet Search
  English  ▼

X  

BQ76PL536APAPT Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL536APAPT
Description  3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for Applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL536APAPT Datasheet(HTML) 42 Page - Texas Instruments

Back Button BQ76PL536APAPT Datasheet HTML 38Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 39Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 40Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 41Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 42Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 43Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 44Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 45Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 60 page
background image
bq76PL536A
SLUSAD3A – JUNE 2011 – REVISED AUGUST 2012
www.ti.com
CB_TIME REGISTER (0x33)
7
6
5
4
3
2
1
0
CBT[7]
–
CBT[5]
CBT[4]
CBT[3]
CBT[2]
CBT[1]
CBT[0]
The CB_TIME register sets the maximum high (active) time for the cell balance outputs from 0 seconds to 63
minutes. When set to 0, no balancing can occur – balancing is effectively disabled.
[7]
Controls minutes/seconds counting resolution.
0 = Seconds (default)
1 = Minutes
[5..0]
Sets the time duration as scaled by CBT.7
ADC_CONVERT REGISTER (0x34)
7
6
5
4
3
2
1
0
–
–
–
–
–
–
–
CONV
The CONVERT_CTRL register is used to start conversions.
[0] (CONV):
This bit starts a conversion, using the settings programmed into the ADC_CONTROL[]
register. It provides a programmatic method of initiating conversions.
0 = No conversion (default)
1 = Initiate conversion. This bit is automatically reset after conversion begins, and always
returns 0 on READ.
SHDW_CTRL REGISTER (0x3a)
7
6
5
4
3
2
1
0
SHDW[7]
SHDW[6]
SHDW[5]
SHDW[4]
SHDW[3]
SHDW[2]
SHDW[1]
SHDW[0]
The SHDW_CTRL register controls writing to Group3 protected registers. Default at RESET = 0x00.
The value 0x35 must be written to this register to allow writing to Group3 protected registers in the range
0x40–0x4f. The register always returns 0x00 on read. The register is reset to 0x00 after any successful write,
including a write to non-Group3 registers. A read operation does not reset this register.
Writing the value 0x27 results in all Group3 protected registers being refreshed from OTP programmed values.
The register is reset to 0x00 after the REFRESH is complete.
42
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Links :bq76PL536A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com