Electronic Components Datasheet Search
  English  ▼

X  

2SD1815 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SD1815
Description  High-Current Switching Applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SD1815 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SD1815 Datasheet HTML 1Page - Sanyo Semicon Device 2SD1815 Datasheet HTML 2Page - Sanyo Semicon Device 2SD1815 Datasheet HTML 3Page - Sanyo Semicon Device 2SD1815 Datasheet HTML 4Page - Sanyo Semicon Device 2SD1815 Datasheet HTML 5Page - Sanyo Semicon Device 2SD1815 Datasheet HTML 6Page - Sanyo Semicon Device 2SD1815 Datasheet HTML 7Page - Sanyo Semicon Device 2SD1815 Datasheet HTML 8Page - Sanyo Semicon Device 2SD1815 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2SB1215/2SD1815
No. 2539-2/10
Continued from preceding page.
Parameter
Symbol
Conditions
Ratings
Unit
Collector Dissipation
PC
1W
Tc=25°C20
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min.
typ.
max.
Collector Cutoff Current
ICBO
VCB=(--)100V, IE=0A
(--)1
μA
Emitter Cutoff Current
IEBO
VEB=(--)4V, IC=0A
(--)1
μA
DC Current Gain
hFE1VCE=(--)5V, IC=(--)0.5A
70*
400*
hFE2VCE=(--)5V, IC=(--)2A
40
Gain-Bandwidth Product
fT
VCE=(--)10V, IC=(--)0.5A
(130)180
MHz
Output Capacitance
Cob
VCB=(--)10V, f=1MHz
(40)25
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=(--)1.5A, IB=(--)0.15A
(--200)150
(--500)400
mV
Base-to-Emitter Saturation Voltage
VBE(sat)
VCE=(--)1.5A, IC=(--)0.15A
(--)0.9
(--)1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=(--)10μA, IE=0A
(--)120
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=(--)1mA, RBE=∞
(--)100
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=(--)10μA, IC=0A
(--)6
V
Turn-On Time
ton
See specified Test Circuit.
100
ns
Storage Time
tstg
(800)900
ns
Fall Time
tf
50
ns
* : The 2SB1215/2SD1815 are classified by 100mA hFE as follows :
Rank
Q
R
S
T
hFE
70 to 140
100 to 200
140 to 280
200 to 400
Switching Time Test Circuit
Ordering Information
Device
Package
Shipping
memo
2SB1215S-E
TP
500pcs./bag
Pb Free
2SB1215S-H
TP
500pcs./bag
Pb Free and Halogen Free
2SB1215T-E
TP
500pcs./bag
Pb Free
2SB1215T-H
TP
500pcs./bag
Pb Free and Halogen Free
2SD1815S-E
TP
500pcs./bag
Pb Free
2SD1815S-H
TP
500pcs./bag
Pb Free and Halogen Free
2SD1815T-E
TP
500pcs./bag
Pb Free
2SD1815T-H
TP
500pcs./bag
Pb Free and Halogen Free
2SB1215S-TL-E
TP-FA
700pcs./reel
Pb Free
2SB1215S-TL-H
TP-FA
700pcs./reel
Pb Free and Halogen Free
2SB1215T-TL-E
TP-FA
700pcs./reel
Pb Free
2SB1215T-TL-H
TP-FA
700pcs./reel
Pb Free and Halogen Free
2SD1815S-TL-E
TP-FA
700pcs./reel
Pb Free
2SD1815S-TL-H
TP-FA
700pcs./reel
Pb Free and Halogen Free
2SD1815T-TL-E
TP-FA
700pcs./reel
Pb Free
2SD1815T-TL-H
TP-FA
700pcs./reel
Pb Free and Halogen Free
IC=10IB1= --10IB2=1.5A
For PNP, the polarity is reversed.
VR
RB
VCC=50V
VBE= --5V
+
+
50
INPUT
OUTPUT
100 F
470 F
PW=20 s
IB1
D.C. 1%
IB2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com