Electronic Components Datasheet Search
  English  ▼

X  

2SD1815 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # 2SD1815
Description  High-Current Switching Applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SD1815 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  2SD1815 Datasheet HTML 1Page - Sanyo Semicon Device 2SD1815 Datasheet HTML 2Page - Sanyo Semicon Device 2SD1815 Datasheet HTML 3Page - Sanyo Semicon Device 2SD1815 Datasheet HTML 4Page - Sanyo Semicon Device 2SD1815 Datasheet HTML 5Page - Sanyo Semicon Device 2SD1815 Datasheet HTML 6Page - Sanyo Semicon Device 2SD1815 Datasheet HTML 7Page - Sanyo Semicon Device 2SD1815 Datasheet HTML 8Page - Sanyo Semicon Device 2SD1815 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2SB1215/2SD1815
No. 2539-4/10
VCE(sat) -- IC
Collector Current, IC -- A
VCE(sat) -- IC
Collector Current, IC -- A
fT -- IC
Collector Current, IC -- A
Cob -- VCB
Collector-to-Base Voltage, VCB -- V
VBE(sat) -- IC
Collector Current, IC -- A
VBE(sat) -- IC
Collector Current, IC -- A
2SB1215 / 2SD1815
f=1MHz
0.1
5
100
10
3
2
3
2
7
5
2
1.0
23
23
5
7
35
7
2SB1215 / 2SD1815
VCE=10V
ITR09241
2SB1215
2SD1815
10
1.0
2
100
5
3
2
7
7
5
57
10
22
35
7
23
5
7
100
ITR09242
2SB1215
2SD1815
ITR09248
0
1.2
1.0
0.8
0.6
0.4
0.2
100
140
120
160
20
060
40
80
2SB1215 / 2SD1815
2SD1815
IC / IB=10
52
3
5
2
5
32
3
5
--1.0
--0.1
--0.01
--10
3
2
7
5
3
7
5
--1.0
2
ITR09245
2SB1215
IC / IB=10
2SD1815
IC / IB=10
ITR09243
2SB1215
IC / IB=10
Ta= --25°C
25
°C
75
°C
Ta=75°C
25
°C
--25
°C
0.1
1.0
0.01
52
3
5
2
10
35
2
3
5
5
3
2
5
3
2
1000
7
5
3
2
7
100
10
ITR09244
Ta=75
°C
25°C
--25°C
52
3
5
5
0.01
23
5
0.1
23
1.0
10
3
2
7
5
3
7
5
1.0
2
ITR09246
Ta= --25°C
25
°C
75°C
ITR09247
2SB1215 / 2SD1815
IC
ICP
DC
operation
(T
a=25
°C)
10
1.0
5
3
2
5
3
2
5
3
2
5
0.1
0.01
25
3
1.0
25
3
10
25
3
100
2
--0.1
--1.0
--0.01
52
3
5
2
3
5
2
3
5
--10
5
3
2
5
3
2
--1000
5
3
2
--100
--10
A S O
Collector-to-Emitter Voltage, VCE -- V
Ambient Temperature, Ta --
°C
PC -- Ta
Tc=25
°C
Single pulse
For PNP, the minus sign is omitted.
Ideal
heat
dissipation
For PNP, the minus sign is omitted.
For PNP, the minus sign is omitted.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com