| Electronic Components Datasheet Search |
|
STP5NK52ZD Datasheet(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STP5NK52ZD Datasheet(HTML) 4 Page - STMicroelectronics |
|
4 / 17 page ![]() Electrical characteristics STB5NK52ZD-1, STD/F/P5NK52ZD 4/17 2 Electrical characteristics (Tcase =25°C unless otherwise specified) Table 5. On /off states Symbol Parameter Test conditions Min. Typ. Max. Unit V(BR)DSS Drain-source breakdown voltage ID = 1 mA, VGS = 0 520 V IDSS Zero gate voltage drain current (VGS = 0) VDS = Max rating VDS = Max rating, TC=125 °C 1 50 µA µA IGSS Gate-body leakage current (VDS = 0) VGS = ± 20 V ± 10 µA VGS(th) Gate threshold voltage VDS = VGS, ID = 50 µA 2.5 3.75 4.5 V RDS(on Static drain-source on resistance VGS = 10 V, ID = 2.2 A 1.22 1.5 Ω Table 6. Dynamic Symbol Parameter Test conditions Min. Typ. Max. Unit gfs Forward transconductance VDS = 15 V, ID = 2.2 A 3.1 S Ciss Coss Crss Input capacitance Output capacitance Reverse transfer capacitance VDS = 25 V, f = 1 MHz, VGS = 0 529 71 13.4 pF pF pF COSS eq (1) 1. Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS increases from 0 to 80% VDSS Equivalent output capacitance VGS = 0, VDS = 0 to 416 V 11 pF Qg Qgs Qgd Total gate charge Gate-source charge Gate-drain charge VDD = 416 V, ID = 4.4 A, VGS = 10 V (see Figure 19) 16.9 4.2 8.4 nC nC nC |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |