Electronic Components Datasheet Search
  English  ▼

X  

P89LPC972FN Datasheet(PDF) 2 Page - NXP Semiconductors

Part # P89LPC972FN
Description  8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB wide-voltage byte-erasable flash
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC972FN Datasheet(HTML) 2 Page - NXP Semiconductors

  P89LPC972FN Datasheet HTML 1Page - NXP Semiconductors P89LPC972FN Datasheet HTML 2Page - NXP Semiconductors P89LPC972FN Datasheet HTML 3Page - NXP Semiconductors P89LPC972FN Datasheet HTML 4Page - NXP Semiconductors P89LPC972FN Datasheet HTML 5Page - NXP Semiconductors P89LPC972FN Datasheet HTML 6Page - NXP Semiconductors P89LPC972FN Datasheet HTML 7Page - NXP Semiconductors P89LPC972FN Datasheet HTML 8Page - NXP Semiconductors P89LPC972FN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 67 page
background image
P89LPC97X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 8 June 2010
2 of 66
NXP Semiconductors
P89LPC970/971/972
8-bit microcontroller with accelerated two-clock 80C51 core
2.2 Additional features
A high performance 80C51 CPU provides instruction cycle times of 111 ns to 222 ns
for all instructions except multiply and divide when executing at 18 MHz. This is six
times the performance of the standard 80C51 running at the same clock frequency. A
lower clock frequency for the same performance results in power savings and reduced
EMI.
Serial flash In-Circuit Programming (ICP) allows simple production coding with
commercial EPROM programmers. Flash security bits prevent reading of sensitive
application programs.
Serial flash In-System Programming (ISP) allows coding while the device is mounted
in the end application.
In-Application Programming (IAP) of the flash code memory. This allows changing the
code in a running application.
Clock switching on the fly among internal RC oscillator, watchdog oscillator, external
clock source provides optimal support of minimal power active mode with fast
switching to maximum performance.
Idle and two different power-down reduced power modes. Improved wake-up from
Power-down mode (a LOW interrupt input starts execution). Typical power-down
current is 1
μA (total power-down with voltage comparators disabled).
Integrated PMU (Power Management Unit) automatically adjusts internal regulators to
minimize power consumption during Idle mode, Power-down mode and total
Power-down mode. In addition, the power consumption can be further reduced in
Normal or Idle mode through configuring regulators modes according to the
applications.
Active-LOW reset. On-chip power-on reset allows operation without external reset
components. A software reset function is also available.
Configurable on-chip oscillator with frequency range options selected by user
programmed flash configuration bits. Oscillator options support frequencies from
20 kHz to the maximum operating frequency of 18 MHz.
Oscillator fail detect. The watchdog timer has a separate fully on-chip oscillator
allowing it to perform an oscillator fail detect function.
Programmable port output configuration options: quasi-bidirectional, open drain,
push-pull, input-only.
High current sourcing/sinking (20 mA) on eight I/O pins (P0.3 to P0.7, P1.4, P1.6,
P1.7). All other port pins have high sinking capability (20 mA). A maximum limit is
specified for the entire chip.
Port ‘input pattern match’ detect. Port 0 may generate an interrupt when the value of
the pins match or do not match a programmable pattern.
Controlled slew rate port outputs to reduce EMI. Outputs have approximately 10 ns
minimum ramp times.
Only power and ground connections are required to operate the P89LPC970/971/972
when internal reset option is selected.
Four interrupt priority levels.
Eight keypad interrupt inputs, plus two additional external interrupt inputs.
Schmitt trigger port inputs.
Second data pointer.
Emulation support.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com