Electronic Components Datasheet Search
  English  ▼

X  

P89LPC972FN Datasheet(PDF) 21 Page - NXP Semiconductors

Part # P89LPC972FN
Description  8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB wide-voltage byte-erasable flash
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC972FN Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button P89LPC972FN Datasheet HTML 17Page - NXP Semiconductors P89LPC972FN Datasheet HTML 18Page - NXP Semiconductors P89LPC972FN Datasheet HTML 19Page - NXP Semiconductors P89LPC972FN Datasheet HTML 20Page - NXP Semiconductors P89LPC972FN Datasheet HTML 21Page - NXP Semiconductors P89LPC972FN Datasheet HTML 22Page - NXP Semiconductors P89LPC972FN Datasheet HTML 23Page - NXP Semiconductors P89LPC972FN Datasheet HTML 24Page - NXP Semiconductors P89LPC972FN Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 67 page
background image
P89LPC97X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 8 June 2010
21 of 66
NXP Semiconductors
P89LPC970/971/972
8-bit microcontroller with accelerated two-clock 80C51 core
7.10 CCLK wake-up delay
The P89LPC970/971/972 has an internal wake-up timer that delays the clock until it
stabilizes depending on the clock source used. If the clock source is any of the three
crystal selections (low, medium and high frequencies) the delay is 1024 OSCCLK cycles
plus 60
μsto100 μs. If the clock source is the internal RC oscillator, the delay is 200 μs to
300
μs. If the clock source is watchdog oscillator or external clock, the delay is
32 OSCCLK cycles.
7.11 CCLK modification: DIVM register
The OSCCLK frequency can be divided down up to 510 times by configuring a dividing
register, DIVM, to generate CCLK. This feature makes it possible to temporarily run the
CPU at a lower rate, reducing power consumption. By dividing the clock, the CPU can
retain the ability to respond to events that would not exit Idle mode by executing its normal
program at a lower rate. This can also allow bypassing the oscillator start-up time in cases
where Power-down mode would otherwise be used. The value of DIVM may be changed
by the program at any time without interrupting code execution.
7.12 Low power select
The P89LPC970/971/972 is designed to run at 18 MHz (CCLK) maximum. However, if
CCLK is 8 MHz or slower, the CLKLP SFR bit (AUXR1.7) can be set to logic 1 to lower the
power consumption further. On any reset, CLKLP is logic 0 allowing highest performance
access. This bit can then be set in software if CCLK is running at 8 MHz or slower.
(1)
±10 % at 400 kHz.
Fig 5.
Block diagram of oscillator control
÷2
002aae554
RTC
CPU
WDT
DIVM
CCLK
UART
OSCCLK
TIMER 2/
TIMER 3/
TIMER 4
PCLK
TIMER 0/
TIMER 1
HIGH FREQUENCY
MEDIUM FREQUENCY
LOW FREQUENCY
XTAL1
XTAL2
RC OSCILLATOR
WITH CLOCK DOUBLER
WATCHDOG
OSCILLATOR
(7.3728 MHz/14.7456 MHz
± 1 %)
PCLK
RCCLK
SPI(1)
I2C-BUS
(400 kHz/25 kHz
± 10 %)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com