Electronic Components Datasheet Search
  English  ▼

X  

AD5325ARM Datasheet(PDF) 12 Page - Analog Devices

Part # AD5325ARM
Description  2.5 V to 5.5 V, 500 關A, 2-Wire Interface Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5325ARM Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5325ARM Datasheet HTML 8Page - Analog Devices AD5325ARM Datasheet HTML 9Page - Analog Devices AD5325ARM Datasheet HTML 10Page - Analog Devices AD5325ARM Datasheet HTML 11Page - Analog Devices AD5325ARM Datasheet HTML 12Page - Analog Devices AD5325ARM Datasheet HTML 13Page - Analog Devices AD5325ARM Datasheet HTML 14Page - Analog Devices AD5325ARM Datasheet HTML 15Page - Analog Devices AD5325ARM Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AD5305/AD5315/AD5325
Rev. G | Page 12 of 24
IDD (µA)
300
350
400
450
500
550
600
VDD = 5V
VDD = 3V
Figure 22. IDD Histogram with VDD = 3 V and VDD = 5 V
1µs/DIV
2.48
2.49
2.47
2.50
Figure 23. AD5325 Major-Code Transition Glitch Energy
FREQUENCY (Hz)
10
–40
10
–20
–30
0
–10
–50
–60
100
1k
10k
100k
1M
10M
Figure 24. Multiplying Bandwidth (Small-Signal Frequency Response)
0.02
0.01
–0.02
0
–0.01
VDD = 5V
TA = 25°C
VREF (V)
01
2
3
4
5
6
Figure 25. Full-Scale Error vs. VREF
50ns/DIV
Figure 26. DAC-to-DAC Crosstalk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com