Electronic Components Datasheet Search
  English  ▼

X  

AD5325ARM Datasheet(PDF) 20 Page - Analog Devices

Part # AD5325ARM
Description  2.5 V to 5.5 V, 500 關A, 2-Wire Interface Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5325ARM Datasheet(HTML) 20 Page - Analog Devices

Back Button AD5325ARM Datasheet HTML 16Page - Analog Devices AD5325ARM Datasheet HTML 17Page - Analog Devices AD5325ARM Datasheet HTML 18Page - Analog Devices AD5325ARM Datasheet HTML 19Page - Analog Devices AD5325ARM Datasheet HTML 20Page - Analog Devices AD5325ARM Datasheet HTML 21Page - Analog Devices AD5325ARM Datasheet HTML 22Page - Analog Devices AD5325ARM Datasheet HTML 23Page - Analog Devices AD5325ARM Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
AD5305/AD5315/AD5325
Rev. G | Page 20 of 24
APPLICATIONS
TYPICAL APPLICATION CIRCUIT
The AD5305/AD5315/AD5325 can be used with a wide range
of reference voltages where the devices offer full, one-quadrant
multiplying capability over a reference range of 0 V to VDD.
More typically, these devices are used with a fixed, precision
reference voltage. Suitable references for 5 V operation are the
AD780 and REF192 (2.5 V references). For 2.5 V operation, a
suitable external reference is the AD589, a 1.23 V band gap
reference. Figure 36 shows a typical setup for the AD5305/
AD5315/AD5325 when using an external reference. Note that
A0 can be high or low.
GND
SDA
0.1µF
REFIN
A0
10µF
1µF
SCL
VDD = 2.5V TO 5.5V
VIN
EXT
REF
VOUT
AD780/REF192
WITH VDD = 5V
OR AD589 WITH
VDD = 2.5V
AD5305/
AD5315/
AD5325
VOUTD
VOUTC
VOUTB
VOUTA
SERIAL
INTERFACE
Figure 36. AD5305/AD5315/AD5325 Using External Reference
If an output range of 0 V to VDD is required, the simplest
solution is to connect the reference input to VDD. As this
supply may not be very accurate and may be noisy, the
AD5305/AD5315/AD5325 can be powered from the reference
voltage; for example, using a 5 V reference such as the REF195.
The REF195 outputs a steady supply voltage for the AD5305/
AD5315/AD5325. The typical current required from the
REF195 is 600 μA supply current and approximately 112 μA
into the reference input. This is with no load on the DAC
outputs. When the DAC outputs are loaded, the REF195 also
needs to supply the current to the loads. The total current
required (with a 10 kΩ load on each output) is
712 μA + 4(5 V/10 kΩ) = 2.70 mA
The load regulation of the REF195 is typically 2 ppm/mA,
which results in an error of 5.4 ppm (27 μV) for the 2.7 mA
current drawn from it. This corresponds to a 0.0014 LSB error
at eight bits and 0.022 LSB error at 12 bits.
BIPOLAR OPERATION
The AD5305/AD5315/AD5325 have been designed for single
supply operation, but a bipolar output range is also possible using
the circuit in Figure 37. This circuit gives an output voltage
range of 5 V. Rail-to-rail operation at the amplifier output is
achievable using an AD820 or an OP295 as the output amplifier.
+5V
–5V
10µF
6V TO 12V
AD5305
0.1µF
R1 = 10kΩ
±5V
R2 = 10kΩ
REFIN
A0
GND
AD1585
1µF
+5V
VDD
2-WIRE
SERIAL
INTERFACE
VOUTD
VOUTC
VOUTB
VOUTA
VIN
VOUT
GND SCL SDA
AD820/
OP295
Figure 37. Bipolar Operation with the AD5305
The output voltage for any input code can be calculated as
follows:
(
)
(
) ()
()
⎥
⎥
⎦
⎤
⎢
⎢
⎣
⎡
×
−
+
×
×
=
1
/
2
1
2
1
2
/
R
R
REFIN
R
R
R
D
REFIN
V
N
OUT
where:
D is the decimal equivalent of the code loaded to the DAC.
N is the DAC resolution.
REFIN is the reference voltage input.
with
REFIN = 5 V, R1 = R2 = 10 kΩ, VOUT (10 × D/2N) − 5 V
MULTIPLE DEVICES ON ONE BUS
Figure 38 shows two AD5305 devices on the same serial bus.
Each has a different slave address because the state of the A0 pin
is different. This allows each of eight DACs to be written to or
read from independently.
SCL
SDA
AD5305
A0
AD5305
SCL
SDA
A0
MICRO-
CONTROLLER
PULL-UP
RESISTORS
VDD
Figure 38. Multiple AD5305 Devices on One Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com