Electronic Components Datasheet Search
  English  ▼

X  

T7 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # T7
Description  7 mm Diameter Miniature Cermet Trimmer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T7 Datasheet(HTML) 2 Page - Vishay Siliconix

  T7_13 Datasheet HTML 1Page - Vishay Siliconix T7_13 Datasheet HTML 2Page - Vishay Siliconix T7_13 Datasheet HTML 3Page - Vishay Siliconix T7_13 Datasheet HTML 4Page - Vishay Siliconix T7_13 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
T7
www.vishay.com
Vishay Sfernice
Revision: 05-Aug-13
2
Document Number: 51015
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL SPECIFICATIONS
Resistive element
Cermet
Electrical travel
270° ± 15°
Resistance range
10
 to 2.2 M
Standard series E3
1 - 2.2 - 4.7 and on request 1 - 2 - 5
Tolerance standard
standard
± 20 %
on request
± 10 %
Power rating
linear
0.5 W at 85 °C
Circuit diagram
Temperature coefficient
See Standard Resistance Element Data
Limiting element voltage (linear law)
250 V
Contact resistance variation
3 % or 3
End resistance (typical)
1
Dielectric strength (RMS)
1000 V
Insulation resistance
106 M
MECHANICAL SPECIFICATIONS
Mechanical travel
300° ± 5°
Operating torque (max. Ncm)
1.5
End stop torque (max. Ncm)
3
Unit weight (max. g)
0.5
Terminals
SnAg alloy (code e2)
ENVIRONMENTAL SPECIFICATIONS
Temperature range
- 55 °C to + 125 °C
Climatic category
55/100/56
Sealing
IP64
For board cleaning, Vishay recommands testing before usage. Water immersion is
forbidden. Ultrasonic may cause component damage or failure.
0
20
40
100
125
140
85
70
0.25
0
0.50
AMBIENT TEMPERATURE IN DEGREES CELSIUS
a
c
b
cw
(2)
(3)
(1)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com