Electronic Components Datasheet Search
  English  ▼

X  

T7 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # T7
Description  7 mm Diameter Miniature Cermet Trimmer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T7 Datasheet(HTML) 3 Page - Vishay Siliconix

  T7_13 Datasheet HTML 1Page - Vishay Siliconix T7_13 Datasheet HTML 2Page - Vishay Siliconix T7_13 Datasheet HTML 3Page - Vishay Siliconix T7_13 Datasheet HTML 4Page - Vishay Siliconix T7_13 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
T7
www.vishay.com
Vishay Sfernice
Revision: 05-Aug-13
3
Document Number: 51015
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PERFORMANCES
TESTS
CONDITIONS
TYPICAL VALUES AND DRIFTS
R
T/RT (%)
R
1-2/R1-2 (%)
Load life
1000 h at rated power
90'/30' - ambient temperature 70 °C
± 3 %
Contact resistance variation:
< 3 % Rn
± 4 %
Climatic sequence
Phase A dry heat 100 °C
± 2 %
± 3 %
Phase B damp heat
Phase C cold - 55 °C
Phase D damp heat 5 cycles
Long term damp heat
56 days
± 2 %
Dielectric strength: 1000 VRMS
Insulation resistance: > 104 M
± 3 %
Rapid temperature change
5 cycles - 55 °C at + 125 °C
± 1 %
V
1-2/V1-3
 ± 2 %
Shock
50 g - 11 ms
± 0.5 %
± 1 %
3 successive shocks
in 3 directions
Vibration
10 Hz to 55 Hz
0.75 mm or 10 g during 6 h
± 0.5 %
V
1-2/V1-3
 ± 1 %
Rotational life
200 cycles
± 3 %
Contact resistance variation:
< 3 % Rn
STANDARD RESISTANCE ELEMENT DATA
STANDARD
RESISTANCE VALUES
LINEAR LAW
TYPICAL TCR
- 55 °C to + 125 °C
MAX. POWER AT 85 °C
MAX. WORKING VOLTAGE
MAX. WIPER CURRENT
WV
mA
ppm/°C
10
0.5
2.2
224
± 100
22
0.5
3.3
150
47
0.5
4.8
103
100
0.5
7.0
70
220
0.5
10.5
47
470
0.5
15.3
32
1K
0.5
22.4
22
2.2K
0.5
33.2
15
4.7K
0.5
48.5
10
10K
0.5
70.7
7.0
22K
0.5
105
4.8
47K
0.5
153
3.2
100K
0.5
224
2.2
220K
0.28
250
1.1
470K
0.13
250
1.53
1M
0.06
250
0.25
2.2M
0.028
250
0.11
MARKING
• Vishay trademark
•Model
• YA or YB style
• Ohmic value (in
, k, M)
• Manufacturing date
•Marking of terminal: 3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com