Electronic Components Datasheet Search
  English  ▼

X  

TSOP581 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TSOP581
Description  IR Receiver Modules for Remote Control Systems
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP581 Datasheet(HTML) 5 Page - Vishay Siliconix

  TSOP581 Datasheet HTML 1Page - Vishay Siliconix TSOP581 Datasheet HTML 2Page - Vishay Siliconix TSOP581 Datasheet HTML 3Page - Vishay Siliconix TSOP581 Datasheet HTML 4Page - Vishay Siliconix TSOP581 Datasheet HTML 5Page - Vishay Siliconix TSOP581 Datasheet HTML 6Page - Vishay Siliconix TSOP581 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
New Product
TSOP581.., TSOP583.., TSOP591.., TSOP593.., TSOP585.., TSOP595..
www.vishay.com
Vishay Semiconductors
Rev. 1.0, 23-Feb-11
5
Document Number: 82462
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SUITABLE DATA FORMAT
These products are designed to suppress spurious output
pulses due to noise or disturbance signals. Data and
disturbance signals can be distinguished by the devices
according to carrier frequency, burst length and envelope
duty cycle. The data signal should be close to the
band-pass center frequency (e.g. 38 kHz) and fulfill the
conditions in the table below.
When a data signal is applied to the IR receiver in the
presence of a disturbance signal, the sensitivity of the
receiver is reduced to insure that no spurious pulses are
present at the output. Some examples of disturbance
signals which are suppressed are:
• DC light (e.g. from tungsten bulb or sunlight)
• Continuous signals at any frequency
• Modulated IR signals from common fluorescent lamps
(example of noise pattern is shown in fig. 15 or fig. 16)
Fig. 15 - IR Signal from Fluorescent Lamp
with Low Modulation
Fig. 16 - IR Signal from Fluorescent Lamp
with High Modulation
Note
• For data formats with long bursts (more than 10 carrier cycles) please see the datasheet for TSOP582.., TSOP592.., TSOP584.., TSOP594..
010
15
20
Time (ms)
16920
5
010
15
20
Time (ms)
16921
5
TSOP581.., TSOP591..
TSOP583.., TSOP593..
TSOP585.., TSOP595..
Minimum burst length
6 cycles/burst
6 cycles/burst
6 cycles/burst
After each burst of length
a minimum gap time is required of
6 to 70 cycles
≥ 10 cycles
6 to 35 cycles
≥ 10 cycles
6 to 24 cycles
≥ 10 cycles
For bursts greater than
a minimum gap time in the data stream is needed of
70 cycles
> 1.1 x burst length
35 cycles
> 6 x burst length
24 cycles
> 25 ms
Maximum number of continuous short bursts/second
2000
2000
2000
Recommended for NEC code
yes
yes
yes
Recommended for RC5/RC6 code
yes
yes
yes
Recommended for Sony code
yes
no
no
Recommended for RECS-80 code
yes
yes
yes
Recommended for RCMM code
yes
yes
yes
Recommended for r-step code
yes
yes
yes
Recommended for XMP code
yes
yes
yes
Suppression of interference from fluorescent lamps
Common disturbance
signals are supressed
(example: signal pattern
of fig. 14)
Internference signals
from lamps with high
modulation are suppressed
(examples: signal pattern
of fig. 14 and fig. 15)
Even critical disturbance
signals like dimmed
LCD backlighting
are suppressed



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com