Electronic Components Datasheet Search
  English  ▼

X  

TSOP581 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TSOP581
Description  IR Receiver Modules for Remote Control Systems
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP581 Datasheet(HTML) 1 Page - Vishay Siliconix

  TSOP581 Datasheet HTML 1Page - Vishay Siliconix TSOP581 Datasheet HTML 2Page - Vishay Siliconix TSOP581 Datasheet HTML 3Page - Vishay Siliconix TSOP581 Datasheet HTML 4Page - Vishay Siliconix TSOP581 Datasheet HTML 5Page - Vishay Siliconix TSOP581 Datasheet HTML 6Page - Vishay Siliconix TSOP581 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
New Product
TSOP581.., TSOP583.., TSOP591.., TSOP593.., TSOP585.., TSOP595..
www.vishay.com
Vishay Semiconductors
Rev. 1.0, 23-Feb-11
1
Document Number: 82462
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IR Receiver Modules for Remote Control Systems
MECHANICAL DATA
Pinning for TSOP581.., TSOP583.., TSOP585:
1 = OUT, 2 = GND, 3 = VS
Pinning for TSOP591.., TSOP593.., TSOP595:
1 = OUT, 2 = VS, 3 = GND
Please see the document “Product Transition Schedule” at
www.vishay.com/ir-receiver-modules/ for up-to-date info,
when this product will be released.
FEATURES
• Low supply current
• Photo
detector
and
preamplifier
in
one
package
• Internal filter for PCM frequency
• Improved shielding against EMI
• Supply voltage: 2.5 V to 5.5 V
• Suitable for short bursts: burst length
≥ 6
carrier cycles
• Improved immunity against ambient light
• Insensitive to supply voltage ripple and noise
• Compliant
to
RoHS
Directive
2011/65/EU
and
in
accordance to WEEE 2002/96/EC
Note
** Please see document “Vishay Material Category Policy”:
www.vishay.com/doc?99902
DESCRIPTION
These products are miniaturized receiversfor infrared
remote control systems. A PIN diode and a preamplifier are
assembled on a lead frame, the epoxy package acts as an
IR filter.
The demodulated output signal can be directly decoded by
a
microprocessor.
The
TSOP581..,
TSOP591..
are
compatible with all common IR remote control data formats.
The TSOP593.., TSOP583.. are optimized to better
suppress spurious pulses from energy saving fluorescent
lamps. The TSOP585.., TSOP595.. have an excellent noise
suppression. It is immune to dimmed LCD backlighting and
any fluorescent lamps. AGC3 and AGC5 may also suppress
some data signals in case of continuous transmission. This
component has not been qualified according to automotive
specifications.
BLOCK DIAGRAM
APPLICATION CIRCUIT
19026
PARTS TABLE
CARRIER
FREQUENCY
SHORT BURST AND
HIGH DATA RATE
(AGC1)
NOISY ENVIRONMENTS AND
SHORT BURSTS
(AGC3)
VERY NOISY ENVIRONMENTS AND
SHORT BURSTS
(AGC5)
PINNING
1 = OUT, 2 = GND,
3 = VS
1 = OUT, 2 = VS,
3 = GND
1 = OUT, 2 = GND,
3 = VS
1 = OUT, 2 = VS,
3 = GND
1 = OUT, 2 = GND,
3 = VS
1 = OUT, 2 = VS,
3 = GND
30 kHz
TSOP58130
TSOP59130
TSOP58330
TSOP59330
TSOP58530
TSOP59530
33 kHz
TSOP58133
TSOP59133
TSOP58333
TSOP59333
TSOP58533
TSOP59533
36 kHz
TSOP58136
TSOP59136
TSOP58336
TSOP59336
TSOP58536
TSOP59536
38 kHz
TSOP58138
TSOP59138
TSOP58338
TSOP59338
TSOP58538
TSOP59538
40 kHz
TSOP58140
TSOP59140
TSOP58340
TSOP59340
TSOP58540
TSOP59540
56 kHz
TSOP58156
TSOP59156
TSOP58356
TSOP59356
TSOP58556
TSOP59556
33 k
Ω
2
3
1
Demo-
pass
AGC
Input
PIN
Band
dulator
Control circuit
16833_14
C1
IR receiver
GND
µC
R1
+ VS
GND
Transmitter
with
TSALxxxx
VS
VO
17170-10
OUT
The external components R1 and C1 are optional
to improve the robustness against electrical overstress
(typical values are R1 = 100 Ω, C1 = 0.1 µF).


Similar Part No. - TSOP581

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP581 VISHAY-TSOP581 Datasheet
203Kb / 8P
IR Receiver Modules for Remote Control Systems
21-Apr-2022
TSOP581.. VISHAY-TSOP581.. Datasheet
203Kb / 8P
IR Receiver Modules for Remote Control Systems
21-Apr-2022
TSOP58130 VISHAY-TSOP58130 Datasheet
784Kb / 8P
IR Receiver Modules for Remote Control Systems
18-Jul-08
TSOP58133 VISHAY-TSOP58133 Datasheet
784Kb / 8P
IR Receiver Modules for Remote Control Systems
18-Jul-08
TSOP58136 VISHAY-TSOP58136 Datasheet
784Kb / 8P
IR Receiver Modules for Remote Control Systems
18-Jul-08
More results

Similar Description - TSOP581

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1330SB1 VISHAY-TSOP1330SB1 Datasheet
233Kb / 7P
IR Receiver Modules for Remote Control Systems
15-Oct-2002
TSOP4830ON1 VISHAY-TSOP4830ON1 Datasheet
405Kb / 7P
IR Receiver Modules for Remote Control Systems
15-Oct-2002
TSOP21 VISHAY-TSOP21 Datasheet
238Kb / 8P
IR Receiver Modules for Remote Control Systems
31-Jan-05
TSOP31130 VISHAY-TSOP31130 Datasheet
164Kb / 8P
IR Receiver Modules for Remote Control Systems
26-Sep-08
TSOP31230 VISHAY-TSOP31230 Datasheet
160Kb / 8P
IR Receiver Modules for Remote Control Systems
19-Aug-08
TSOP6130 VISHAY-TSOP6130 Datasheet
414Kb / 13P
IR Receiver Modules for Remote Control Systems
10-Jun-08
TSOP372 VISHAY-TSOP372 Datasheet
257Kb / 11P
IR Receiver Modules for Remote Control Systems
11-Nov-15
TSOP572 VISHAY-TSOP572 Datasheet
259Kb / 11P
IR Receiver Modules for Remote Control Systems
10-Nov-15
TSOP61 VISHAY-TSOP61 Datasheet
648Kb / 26P
IR Receiver Modules for Remote Control Systems
22-Jul-16
TSOP77P38 VISHAY-TSOP77P38 Datasheet
278Kb / 12P
IR Receiver Modules for Remote Control Systems
13-Mar-12
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com