Electronic Components Datasheet Search
  English  ▼

X  

AD7660 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7660
Description  16-Bit, 500 kSPS PulSAR Dual, 2-Channel, Simultaneous Sampling ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7660 Datasheet(HTML) 4 Page - Analog Devices

  AD7660 Datasheet HTML 1Page - Analog Devices AD7660 Datasheet HTML 2Page - Analog Devices AD7660 Datasheet HTML 3Page - Analog Devices AD7660 Datasheet HTML 4Page - Analog Devices AD7660 Datasheet HTML 5Page - Analog Devices AD7660 Datasheet HTML 6Page - Analog Devices AD7660 Datasheet HTML 7Page - Analog Devices AD7660 Datasheet HTML 8Page - Analog Devices AD7660 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD7654
Rev. B | Page 4 of 28
Parameter
Conditions
Min
Typ
Max
Unit
DIGITAL OUTPUTS
Data Format6
Pipeline Delay7
VOL
ISINK = 1.6 mA
0.4
V
VOH
ISOURCE = −500 μA
OVDD − 0.2
V
POWER SUPPLIES
Specified Performance
AVDD
4.75
5
5.25
V
DVDD
4.75
5
5.25
V
OVDD
2.7
5.258
V
Operating Current9
500 kSPS throughput
AVDD
15.5
mA
DVDD
8.5
mA
OVDD
100
μA
Power Dissipation
500 kSPS throughput9
120
135
mW
10 kSPS throughput10
2.6
mW
444 kSPS throughput10
114
125
mW
TEMPERATURE RANGE11
Specified Performance
TMIN to TMAX
−40
+85
°C
1 See the Analog Inputs section.
2 Linearity is tested using endpoints, not best fit.
3 LSB means least significant bit. Within the 0 V to 5 V input range, one LSB is 76.294 μV.
4 See the Terminology section. These specifications do not include the error contribution from the external reference.
5 All specifications in dB are referred to as full-scale input, FS; tested with an input signal at 0.5 dB below full scale unless otherwise specified.
6 Parallel or serial 16-bit.
7 Conversion results are available immediately after completed conversion.
8 The maximum should be the minimum of 5.25 V and DVDD + 0.3 V.
9 In normal mode; tested in parallel reading mode.
10 In impulse mode; tested in parallel reading mode.
11 Consult sales for extended temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com