Electronic Components Datasheet Search
  English  ▼

X  

AD7660 Datasheet(PDF) 20 Page - Analog Devices

Part # AD7660
Description  16-Bit, 500 kSPS PulSAR Dual, 2-Channel, Simultaneous Sampling ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7660 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7660 Datasheet HTML 16Page - Analog Devices AD7660 Datasheet HTML 17Page - Analog Devices AD7660 Datasheet HTML 18Page - Analog Devices AD7660 Datasheet HTML 19Page - Analog Devices AD7660 Datasheet HTML 20Page - Analog Devices AD7660 Datasheet HTML 21Page - Analog Devices AD7660 Datasheet HTML 22Page - Analog Devices AD7660 Datasheet HTML 23Page - Analog Devices AD7660 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
AD7654
Rev. B | Page 20 of 28
SERIAL INTERFACE
The AD7654 is configured to use the serial interface when the
SER/PAR is held high. The AD7654 outputs 32 bits of data,
MSB first, on the SDOUT pin. The order of the channels being
output is also controlled by A/B. When high, Channel A is
output first; when low, Channel B is output first. This data
is synchronized with the 32 clock pulses provided on the
SCLK pin.
MASTER SERIAL INTERFACE
Internal Clock
The AD7654 is configured to generate and provide the serial
data clock SCLK when the EXT/INT pin is held low. The
AD7654 also generates a SYNC signal to indicate to the host
when the serial data is valid. The serial clock SCLK and the
SYNC signal can be inverted if desired. The output data is valid
on both the rising and falling edge of the data clock. Depending
on RDC/SDIN input, the data can be read after each conversion
or during the following conversion. Figure 29 and Figure 30
show the detailed timing diagrams of these two modes.
Usually, because the AD7654 is used with a fast throughput, the
master-read-during-convert mode is the most recommended
serial mode when it can be used. In this mode, the serial clock
and data toggle at appropriate instants, which minimizes
potential feedthrough between digital activity and the critical
conversion decisions. The SYNC signal goes low after the LSB
of each channel has been output. Note that in this mode, the
SCLK period changes because the LSBs require more time to
settle, and the SCLK is derived from the SAR conversion clock.
Note that in the master-read-after-convert mode, unlike in
other modes, the signal BUSY returns low after the 32 data bits
are pulsed out and not at the end of the conversion phase,
which results in a longer BUSY width. One advantage of using
this mode is that it can accommodate slow digital hosts because
the serial clock can be slowed down by using DIVSCLK[1:0]
inputs. Refer to Table 4 for the timing details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com