Electronic Components Datasheet Search
  English  ▼

X  

AD8073JRZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD8073JRZ
Description  Low Cost, Dual/Triple Video Amplifiers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8073JRZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8073JRZ Datasheet HTML 5Page - Analog Devices AD8073JRZ Datasheet HTML 6Page - Analog Devices AD8073JRZ Datasheet HTML 7Page - Analog Devices AD8073JRZ Datasheet HTML 8Page - Analog Devices AD8073JRZ Datasheet HTML 9Page - Analog Devices AD8073JRZ Datasheet HTML 10Page - Analog Devices AD8073JRZ Datasheet HTML 11Page - Analog Devices AD8073JRZ Datasheet HTML 12Page - Analog Devices AD8073JRZ Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
REV. D
AD8072/AD8073
–9–
APPLICATIONS
Overdrive Recovery
Overdrive of an amplifier occurs when the output and/or input
range are exceeded. The amplifier must recover from this overdrive
condition and resume normal operation. As shown in Figure 4,
the AD8072 and AD8073 recover within 75 ns from positive
overdrive and 30 ns from negative overdrive.
25ns
1V
VIN
VOUT
Figure 4. Overload Recovery; VS =
±5 V, VIN = 8 V p-p,
RF = 1 k
Ω, RL = 150 Ω, G = +2
Bandwidth vs. Feedback Resistor Value
The closed-loop frequency response of a current feedback amplifier
is a function of the feedback resistor. A smaller feedback resistor
will produce a wider bandwidth response. However, if the feed-
back resistance becomes too small, the gain flatness can be
affected. As a practical consideration, the minimum value of
feedback resistance for the AD8072/AD8073 was found to be
649
Ω. For resistances below this value, the gain flatness will be
affected and more significant lot-to-lot variations in device per-
formance will be noticed. Figure 5 shows a plot of the frequency
response of an AD8072/AD8073 at a gain of two with both feed-
back and gain resistors equal to 649
Ω.
FREQUENCY – MHz
6.1
6.0
0.1
500
1
10
100
5.9
5.8
5.4
5.7
5.6
5.5
RF = 2k
RF = 649
1 dB
DIV
0.1 dB
DIV
6
7
5
4
3
2
1
0
VS = 5V
AV = 2
RL = 150
VO = 0.2V p-p
Figure 5. Frequency Response vs. RF
On the other hand, the bandwidth of a current feedback ampli-
fier can be decreased by increasing the feedback resistance. This
can sometimes be useful where it is desired to reduce the noise
bandwidth of a system. As a practical matter, the maximum
value of feedback resistor was found to be 2 k
Ω. Figure 5 shows
the frequency response of an AD8072/AD8073 at a gain of two
with both feedback and gain resistors equal to 2 k
Ω.
Capacitive Load Drive
When an op amp output drives a capacitive load, extra phase shift
due to the pole formed by the op amp’s output impedance and
the capacitor can cause peaking or even oscillation. The top trace
of Figure 6, RS = 0
Ω, shows the output of one of the amplifiers of
the AD8072/AD8073 when driving a 50 pF capacitor as shown in
the schematic of Figure 7.
The amount of peaking can be significantly reduced by adding
a resistor in series with the capacitor. The lower trace of Figure 6
shows the same capacitor being driven with a 25
Ω resistor
in series with it. In general, the resistor value will have to be
experimentally determined, but 10
Ω to 50 Ω is a practical range
of values to experiment with for capacitive loads of up to a few
hundred pF.
20ns
50mV
RS = 0Ω
RS = 25Ω
Figure 6. Capacitive Low Drive
1k
1k
50
VIN = 100mV p-p
RL
1k
CL
50pF
RS
Figure 7. Capacitive Load Drive Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com