Electronic Components Datasheet Search
  English  ▼

X  

AD9742 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9742
Description  12-Bit, 210 MSPS TxDAC Digital-to-Analog Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9742 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9742 Datasheet HTML 3Page - Analog Devices AD9742 Datasheet HTML 4Page - Analog Devices AD9742 Datasheet HTML 5Page - Analog Devices AD9742 Datasheet HTML 6Page - Analog Devices AD9742 Datasheet HTML 7Page - Analog Devices AD9742 Datasheet HTML 8Page - Analog Devices AD9742 Datasheet HTML 9Page - Analog Devices AD9742 Datasheet HTML 10Page - Analog Devices AD9742 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Data Sheet
AD9742
Rev. C | Page 7 of 32
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
14
13
12
11
17
16
15
20
19
18
10
9
8
1
2
3
4
7
6
5
28
27
26
25
24
23
22
21
NC = NO CONNECT
DB7
DB6
DB5
DB4
DB3
DB2
DB1
(LSB) DB0
NC
NC
CLOCK
DVDD
DCOM
MODE
AVDD
RESERVED
IOUTA
IOUTB
ACOM
NC
FS ADJ
REFIO
REFLO
SLEEP
DB8
DB9
DB10
(MSB) DB11
AD9742
TOP VIEW
(Not to Scale)
Figure 3. 28-Lead SOIC and 28-Lead TSSOP Pin Configuration
24 FS ADJ
23 REFIO
22 ACOM
21 IOUTA
DB5 1
DB4 2
DVDD 3
20 IOUTB
19 ACOM
18 AVDD
17 AVDD
DB3 4
DB2 5
DB1 6
(LSB) DB0 7
NC 8
AD9742
TOP VIEW
(Not to Scale)
PIN 1
INDICATOR
NOTES
1. NC = NO CONNECT.
2. IT IS RECOMMENDED THAT THE EXPOSED PAD
BE THERMALLY CONNECTED TO A COPPER
GROUND PLANE FOR ENHANCED ELECTRICAL
AND THERMAL PERFORMANCE.
Figure 4. 32-Lead LFCSP Pin Configuration
Table 6. Pin Function Descriptions (N/A = Not Applicable)
SOIC/TSSOP
Pin No.
LFCSP
Pin No.
Mnemonic
Description
1
27
DB11
Most Significant Data Bit (MSB).
2 to 11
28 to 32,
1, 2, 4 to 6
DB10 to DB1
Data Bits 10 to 1.
12
7
DB0
Least Significant Data Bit (LSB).
13, 14
8, 9
NC
No Internal Connection.
15
25
SLEEP
Power-Down Control Input. Active high. Contains active pull-down circuit; it may be left
unterminated if not used.
16
N/A
REFLO
Reference Ground when Internal 1.2 V Reference Used. Connect to AVDD to disable internal
reference.
17
23
REFIO
Reference Input/Output. Serves as reference input when internal reference disabled (that is, tie
REFLO to AVDD). Serves as 1.2 V reference output when internal reference activated (that is, tie
REFLO to ACOM). Requires 0.1 µF capacitor to ACOM when internal reference activated.
18
24
FS ADJ
Full-Scale Current Output Adjust.
19
N/A
NC
No Internal Connection.
20
19, 22
ACOM
Analog Common.
21
20
IOUTB
Complementary DAC Current Output. Full-scale current when all data bits are 0s.
22
21
IOUTA
DAC Current Output. Full-scale current when all data bits are 1s.
23
N/A
RESERVED
Reserved. Do not connect to common or supply.
24
17, 18
AVDD
Analog Supply Voltage (3.3 V).
25
16
MODE
Selects Input Data Format. Connect to DCOM for straight binary, DVDD for twos complement.
N/A
15
CMODE
Clock Mode Selection. Connect to CLKCOM for single-ended clock receiver (drive CLK+ and float
CLK–). Connect to CLKVDD for differential receiver. Float for PECL receiver (terminations on-chip).
26
10, 26
DCOM
Digital Common.
27
3
DVDD
Digital Supply Voltage (3.3 V).
28
N/A
CLOCK
Clock Input. Data latched on positive edge of clock.
N/A
12
CLK+
Differential Clock Input.
N/A
13
CLK−
Differential Clock Input.
N/A
11
CLKVDD
Clock Supply Voltage (3.3 V).
N/A
14
CLKCOM
Clock Common.
N/A
EPAD
It is recommended that the exposed pad be thermally connected to a copper ground plane for
enhanced electric and thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com