Electronic Components Datasheet Search
  English  ▼

X  

AD9742 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9742
Description  12-Bit, 210 MSPS TxDAC Digital-to-Analog Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9742 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9742 Datasheet HTML 16Page - Analog Devices AD9742 Datasheet HTML 17Page - Analog Devices AD9742 Datasheet HTML 18Page - Analog Devices AD9742 Datasheet HTML 19Page - Analog Devices AD9742 Datasheet HTML 20Page - Analog Devices AD9742 Datasheet HTML 21Page - Analog Devices AD9742 Datasheet HTML 22Page - Analog Devices AD9742 Datasheet HTML 23Page - Analog Devices AD9742 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
AD9742
Data Sheet
Rev. C | Page 20 of 32
R6
OPT
S2
IOUTA
2
A
B
JP10
1
3
IX
R11
50
Ω
C13
OPT
JP8
IOUT
S3
4
5
6
3
2
1
T1
T1-1T
JP9
C12
OPT
R10
50
Ω
S1
IOUTB
1
2
3
A
B
JP11
IY
1
EXT
2
3
INT
A
B
JP5
REF
+
+
C14
10
µF
16V
C16
0.1
µF
C17
0.1
µF
AVDD
DVDD
CKEXT
DB13
DB12
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
AVDD
C15
10
µF
16V
C18
0.1
µF
C19
0.1
µF
CUT
UNDER DUT
JP6
JP4
R5
OPT
DVDD
R4
50
Ω
CLOCK
S5
CLOCK
TP1
WHT
DVDD
AVDD
DVDD
R2
10k
Ω
JP2
MODE
TP3
WHT
REF
C2
0.1
µF
C1
0.1
µF
C11
0.1
µF
R1
2k
Ω
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
U1
AD9742
SLEEP
TP11
WHT
R3
10k
Ω
CLOCK
DVDD
DCOM
MODE
AVDD
RESERVED
IOUTA
IOUTB
ACOM
NC
FS ADJ
REFIO
REFLO
SLEEP
DB13
DB12
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
AVDD
Figure 39. SOIC Evaluation Board—Output Signal Conditioning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com