Electronic Components Datasheet Search
  English  ▼

X  

ADP121 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP121
Description  150 mA, Low Quiescent Current, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP121 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP121 Datasheet HTML 3Page - Analog Devices ADP121 Datasheet HTML 4Page - Analog Devices ADP121 Datasheet HTML 5Page - Analog Devices ADP121 Datasheet HTML 6Page - Analog Devices ADP121 Datasheet HTML 7Page - Analog Devices ADP121 Datasheet HTML 8Page - Analog Devices ADP121 Datasheet HTML 9Page - Analog Devices ADP121 Datasheet HTML 10Page - Analog Devices ADP121 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Data Sheet
ADP121
Rev. G | Page 7 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 2.3 V, VOUT = 1.8 V, IOUT = 10 mA, CIN = COUT = 1 µF, TA = 25°C, unless otherwise noted.
1.804
1.802
1.800
1.798
1.796
1.794
1.792
1.790
1.788
1.786
–40°C
–5°C
25°C
85°C
125°C
TJ (°C)
VOUT = 1.8V
VIN = 2.3V
ILOAD = 10µA
ILOAD = 100µA
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 150mA
Figure 5. Output Voltage vs. Junction Temperature
1.806
1.804
1.802
1.800
1.798
1.796
1.794
0.001
0.01
0.1
1
10
100
1000
ILOAD (mA)
VOUT = 1.8V
VIN = 2.3V
TA = 25°C
Figure 6. Output Voltage vs. Load Current
1.806
1.804
1.802
1.800
1.798
1.796
1.794
2.3
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
VIN (V)
ILOAD = 10µA
ILOAD = 100µA
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 50mA
ILOAD = 100mA
VOUT = 1.8V
TA = 25°C
Figure 7. Output Voltage vs. Input Voltage
40
35
30
25
20
15
10
5
0
–40°C
–5°C
25°C
85°C
125°C
TJ (°C)
VOUT = 1.8V
VIN = 2.3V
ILOAD = 10µA
ILOAD = 100µA
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 150mA
Figure 8. Ground Current vs. Junction Temperature
35
30
25
20
15
10
5
0
0.001
0.01
0.1
1
10
100
1000
ILOAD (mA)
VOUT = 1.8V
VIN = 2.3V
TA = 25°C
Figure 9. Ground Current vs. Load Current
35
30
25
20
15
10
5
0
2.3
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
VIN (V)
VOUT = 1.8V
TA = 25°C
ILOAD = 10µA
ILOAD = 100µA
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 150mA
Figure 10. Ground Current vs. Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com