Electronic Components Datasheet Search
  English  ▼

X  

ADP121 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP121
Description  150 mA, Low Quiescent Current, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP121 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP121 Datasheet HTML 12Page - Analog Devices ADP121 Datasheet HTML 13Page - Analog Devices ADP121 Datasheet HTML 14Page - Analog Devices ADP121 Datasheet HTML 15Page - Analog Devices ADP121 Datasheet HTML 16Page - Analog Devices ADP121 Datasheet HTML 17Page - Analog Devices ADP121 Datasheet HTML 18Page - Analog Devices ADP121 Datasheet HTML 19Page - Analog Devices ADP121 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Data Sheet
ADP121
Rev. G | Page 17 of 20
140
120
100
80
60
40
20
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
VIN – VOUT (V)
MAX JUNCTION TEMPERATURE
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 25mA
ILOAD = 50mA
ILOAD = 75mA
ILOAD = 100mA
ILOAD = 150mA
Figure 46. TSOT, 100 mm2 of PCB Copper, Board Temperature = 85°C
140
120
100
80
60
40
20
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
VIN – VOUT (V)
MAX JUNCTION TEMPERATURE
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 25mA
ILOAD = 50mA
ILOAD = 75mA
ILOAD = 100mA
ILOAD = 150mA
Figure 47. WLCSP, 100 mm2 of PCB Copper, Board Temperature = 85°C
PCB LAYOUT CONSIDERATIONS
Heat dissipation from the package can be improved by increasing
the amount of copper attached to the pins of the ADP121. However,
as can be seen from Table 6 and Table 7, a point of diminishing
returns is eventually reached, beyond which an increase in the
copper size does not yield significant heat dissipation benefits.
Place the input capacitor as close as possible to the VIN and
GND pins. Place the output capacitor as close as possible to the
VOUT and GND pins. Use 0402 or 0603 size capacitors and
resistors to achieve the smallest possible footprint solution on
boards where area is limited.
VIN
VOUT
GND
EN
GND
GND
GND
C2
C1
U1
J1
ANALOG DEVICES
ADP121-xx-EVALZ
Figure 48. Example of TSOT PCB Layout
Figure 49. Example of WLCSP PCB Layout—Top Side
Figure 50. Example of WLCSP PCB Layout—Bottom Side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com