Electronic Components Datasheet Search
  English  ▼

X  

ADV202 Datasheet(PDF) 1 Page - Analog Devices

Part # ADV202
Description  JPEG2000 Video Codec
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV202 Datasheet(HTML) 1 Page - Analog Devices

  ADV202 Datasheet HTML 1Page - Analog Devices ADV202 Datasheet HTML 2Page - Analog Devices ADV202 Datasheet HTML 3Page - Analog Devices ADV202 Datasheet HTML 4Page - Analog Devices ADV202 Datasheet HTML 5Page - Analog Devices ADV202 Datasheet HTML 6Page - Analog Devices ADV202 Datasheet HTML 7Page - Analog Devices ADV202 Datasheet HTML 8Page - Analog Devices ADV202 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
JPEG2000 Video Codec
Data Sheet
ADV202
Rev. D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006–2012 Analog Devices, Inc. All rights reserved.
FEATURES
Complete single-chip JPEG2000 compression and
decompression solution for video and still images
Patented SURF® (spatial ultra-efficient recursive filtering)
technology enables low power and low cost wavelet-
based compression
Supports both 9/7 and 5/3 wavelet transforms with up to
6 levels of transform
Programmable tile/image size with widths up to 2048 pixels in
3-component 4:2:2 interleaved mode, and up to 4096 pixels
in single-component mode
Maximum tile/image width: 4096 pixels
Video interface directly supporting ITU.R-BT656,
SMPTE125M PAL/ NTSC, SMPTE274M, SMPTE293M (525p),
ITU.R-BT1358 (625p) or any video format with a maximum
input rate of 65 MSPS for irreversible mode or 40 MSPS for
reversible mode
Two or more ADV202s can be combined to support full-
frame SMPTE274M HDTV (1080i) or SMPTE296M (720p)
Flexible asynchronous SRAM-style host interface allows
glueless connection to most 16-/32-bit microcontrollers
and ASICs
2.5 V to 3.3 V I/O and 1.5 V core supply
12 mm × 12 mm 121-lead CSPBGA, speed grade 115 MHz, or
13 mm × 13 mm 144-lead CSPBGA, speed grade 135 MHz, or
13 mm × 13 mm 144-lead CSPBGA, speed grade 150 MHz
APPLICATIONS
Networked video and image distribution systems
Wireless video and image distribution
Image archival/retrieval
Digital CCTV and surveillance systems
Digital cinema systems
Professional video editing and recording
Digital still cameras
Digital camcorders
GENERAL DESCRIPTION
The ADV202 is a single-chip JPEG2000 codec targeted for
video and high bandwidth image compression applications that
can benefit from the enhanced quality and feature set provided
by the JPEG2000 (J2K)—ISO/IEC15444-1 image compression
standard. The part implements the computationally intensive
operations of the JPEG2000 image compression standard as well
as providing fully compliant code-stream generation for most
applications.
The ADV202’s dedicated video port provides glueless connection
to common digital video standards such as ITU.R-BT656,
SMPTE125M, SMPTE293M (525p), ITU.R-BT1358 (625p),
SMPTE274M (1080i), or SMPTE296M (720p). A variety of other
high speed, synchronous pixel and video formats can also be sup-
ported using the programmable framing and validation signals.
(continued on Page 4)
FUNCTIONAL BLOCK DIAGRAM
PIXEL I/F
EXTERNAL
DMA CTRL
PIXEL FIFO
CODE FIFO
ATTR FIFO
WAVELET
ENGINE
INTERNAL BUS AND DMA ENGINE
EMBEDDED
RISC
PROCESSOR
SYSTEM
PIXEL I/F
HOST I/F
EC1
EC2
RAM
ROM
EC3
ADV202
Figure 1.


Similar Part No. - ADV202

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV202 AD-ADV202 Datasheet
841Kb / 40P
JPEG2000 Video Codec
7/04-Revision 0
ADV202 AD-ADV202 Datasheet
447Kb / 40P
JPEG2000 Video Codec
Rev. D
ADV202-HD-EB AD-ADV202-HD-EB Datasheet
841Kb / 40P
JPEG2000 Video Codec
7/04-Revision 0
ADV202-SD-EB AD-ADV202-SD-EB Datasheet
841Kb / 40P
JPEG2000 Video Codec
7/04-Revision 0
ADV202BBC-115 AD-ADV202BBC-115 Datasheet
841Kb / 40P
JPEG2000 Video Codec
7/04-Revision 0
More results

Similar Description - ADV202

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV601 AD-ADV601 Datasheet
606Kb / 52P
Low Cost Multiformat Video Codec
REV.0
ADV601LC AD-ADV601LC Datasheet
472Kb / 44P
Ultralow Cost Video Codec
REV.0
ADV7202 AD-ADV7202 Datasheet
216Kb / 26P
Simultaneous Sampling Video Rate Codec
ADV202 AD-ADV202 Datasheet
841Kb / 40P
JPEG2000 Video Codec
7/04-Revision 0
ADV212 AD-ADV212 Datasheet
394Kb / 44P
JPEG 2000 Video Codec
10/06-Revision 0
ADV212-HD-EB AD-ADV212-HD-EB Datasheet
478Kb / 44P
Wavescale Video Codec
REV. B
ADV601LCJSTZ AD-ADV601LCJSTZ Datasheet
546Kb / 44P
Ultralow Cost Video Codec
REV. 0
ADV202 AD-ADV202_15 Datasheet
447Kb / 40P
JPEG2000 Video Codec
Rev. D
ADV212 AD-ADV212_15 Datasheet
478Kb / 44P
Wavescale Video Codec
Rev. B
ADV601LC AD-ADV601LC_15 Datasheet
546Kb / 44P
Ultralow Cost Video Codec
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com