Electronic Components Datasheet Search
  English  ▼

X  

ADV202 Datasheet(PDF) 16 Page - Analog Devices

Part # ADV202
Description  JPEG2000 Video Codec
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV202 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADV202 Datasheet HTML 12Page - Analog Devices ADV202 Datasheet HTML 13Page - Analog Devices ADV202 Datasheet HTML 14Page - Analog Devices ADV202 Datasheet HTML 15Page - Analog Devices ADV202 Datasheet HTML 16Page - Analog Devices ADV202 Datasheet HTML 17Page - Analog Devices ADV202 Datasheet HTML 18Page - Analog Devices ADV202 Datasheet HTML 19Page - Analog Devices ADV202 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
ADV202
Data Sheet
Rev. D | Page 16 of 40
STREAMING MODE (JDATA)—FIFO READ/WRITE
Table 10.
Parameter
Description
Min
Typ
Max
Unit
JDATA
TD
MCLK to JDATA Valid
1.5
2.5 × JCLK + 7.0 ns
JCLK cycles1
VALID
TD
MCLK to VALID Assert/Deassert
1.5
2.5 × JCLK + .7.0 ns
JCLK cycles
HOLD
SU
HOLD Setup to Rising MCLK
3
ns
HOLD
HD
HOLD Hold from Rising MCLK
3
ns
JDATA
SU
JDATA Setup to Rising MCLK
3
ns
JDATA
HD
JDATA Hold from Rising MCLK
3
ns
1 For a definition of JCLK, see the PLL section.
MCLK
JDATA
VALID
HOLD
HOLDHD
HOLDSU
VALIDTD
JDATASU
JDATATD
JDATAHD
Figure 19. Streaming Mode Timing—Encode Mode JDATA Output
MCLK
JDATA
VALID
HOLD
HOLDHD
HOLDSU
VALIDTD
JDATASU
JDATAHD
Figure 20. Streaming Mode Timing—Decode Mode JDATA Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com