Electronic Components Datasheet Search
  English  ▼

X  

OP193 Datasheet(PDF) 2 Page - Analog Devices

Part # OP193
Description  Precision, Micropower Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP193 Datasheet(HTML) 2 Page - Analog Devices

  OP193 Datasheet HTML 1Page - Analog Devices OP193 Datasheet HTML 2Page - Analog Devices OP193 Datasheet HTML 3Page - Analog Devices OP193 Datasheet HTML 4Page - Analog Devices OP193 Datasheet HTML 5Page - Analog Devices OP193 Datasheet HTML 6Page - Analog Devices OP193 Datasheet HTML 7Page - Analog Devices OP193 Datasheet HTML 8Page - Analog Devices OP193 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
OP193/OP293
Rev. C | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description......................................................................... 1
Pin Configurations ........................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Electrical Specifications............................................................... 3
Absolute Maximum Ratings............................................................ 8
Thermal Resistance ...................................................................... 8
ESD Caution.................................................................................. 8
Typical Performance Characteristics ............................................. 9
Functional Description.................................................................. 13
Driving Capacitive Loads.......................................................... 13
Input Overvoltage Protection................................................... 14
Output Phase Reversal—OP193............................................... 14
Output Phase Reversal—OP293............................................... 14
Battery-Powered Applications.................................................. 14
A Micropower False-Ground Generator................................. 15
A Battery-Powered Voltage Reference..................................... 15
A Single-Supply Current Monitor............................................ 15
A Single-Supply Instrumentation Amplifier .......................... 16
A Low Power, Temperature to 4 mA to 20 mA
Transmitter.................................................................................. 16
A Micropower Voltage Controlled Oscillator ........................ 17
Outline Dimensions....................................................................... 18
Ordering Guide .......................................................................... 18
REVISION HISTORY
9/09—Rev. B to Rev. C
Updated Format..................................................................Universal
Deleted OP493 ....................................................................Universal
Changes to Features and General Description Sections.............. 1
Deleted 8-Lead Epoxy DIP Pin Configurations for OP193 and
OP293, and 14-Lead Epoxy DIP and 16-Lead Wide Body SOL
Pin Configurations for OP493........................................................ 1
Changes to Offset Voltage Parameter and Large Signal Voltage
Gain, RL = 100 kΩ, −10 V ≤ VOUT ≤ +10 V Parameter, and
Power Supply Rejection Ratio Parameter, Table 1........................ 3
Changes to Offset Voltage Parameter and Power Supply
Rejection Ratio Parameter, Table 2 ................................................ 4
Changes to Offset Voltage Parameter and Power Supply
Rejection Ratio Parameter, Table 3 ................................................ 6
Changes to Offset Voltage Parameter and Power Supply
Rejection Ratio Parameter, Table 4 ................................................ 7
Changes to Table 5 and Table 6....................................................... 8
Changes to Figure 3 to Figure 6...................................................... 9
Changes to Figure 10 and Figure 12............................................. 10
Changes to Functional Description Section and Figure 26 ...... 13
Deleted A Micropower, Single-Supply Quad Voltage Output
8-Bit DAC Section.......................................................................... 13
Deleted Figure 13; Renumbered Sequentially ............................ 14
Deleted A Single-Supply Micropower Quad Programmable-
Gain Amplifier Section.................................................................. 14
Changes to Output Phase Reversal—OP293 Section, Battery-
Powered Applications Section, and Figure 27 ............................ 14
Deleted Figure 14............................................................................ 15
Changes to Figure 31, A Single-Supply Current Monitor
Section, and Figure 32.................................................................... 15
Changes to A Low Power, Temperature to 4 mA to 20 mA
Transmitter Section and Figure 35............................................... 16
Updated Outline Dimensions....................................................... 18
Changes to Ordering Guide.......................................................... 18
1/02—Rev. A to Rev. B
Deletion of Wafer Test Limits Table................................................5
Deletion of Dice Characteristics Images ........................................6
Edits to Ordering Guide ...................................................................6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com