Electronic Components Datasheet Search
  English  ▼

X  

OP193 Datasheet(PDF) 3 Page - Analog Devices

Part # OP193
Description  Precision, Micropower Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP193 Datasheet(HTML) 3 Page - Analog Devices

  OP193 Datasheet HTML 1Page - Analog Devices OP193 Datasheet HTML 2Page - Analog Devices OP193 Datasheet HTML 3Page - Analog Devices OP193 Datasheet HTML 4Page - Analog Devices OP193 Datasheet HTML 5Page - Analog Devices OP193 Datasheet HTML 6Page - Analog Devices OP193 Datasheet HTML 7Page - Analog Devices OP193 Datasheet HTML 8Page - Analog Devices OP193 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
OP193/OP293
Rev. C | Page 3 of 20
SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
VS = ±15.0 V, TA = 25°C, unless otherwise noted.
Table 1.
E Grade
F Grade
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
OP193
150
μV
OP193, −40°C ≤ TA ≤ +125°C
250
μV
OP293
100
250
μV
OP293, −40°C ≤ TA ≤ +125°C
200
350
μV
Input Bias Current
IB
VCM = 0 V, −40°C ≤ TA ≤ +125°C
15
20
nA
Input Offset Current
IOS
VCM = 0 V, −40°C ≤ TA ≤ +125°C
2
4
nA
Input Voltage Range
VCM
−14.9
+13.5
−14.9
+13.5
V
Common-Mode Rejection
CMRR
−14.9 V ≤ VCM ≤ +14 V
100
116
97
116
dB
−14.9 V ≤ VCM ≤ +14 V,
−40°C ≤ TA ≤ +125°C
97
94
dB
Large Signal Voltage Gain
AVO
RL = 100 kΩ,
−10 V ≤ VOUT ≤ +10 V
500
600
500
600
V/mV
−40°C ≤ TA ≤ +85°C
300
300
V/mV
−40°C ≤ TA ≤ +125°C
300
300
V/mV
Large Signal Voltage Gain
AVO
RL = 10 kΩ,
−10 V ≤ VOUT ≤ +10 V
350
350
V/mV
−40°C ≤ TA ≤ +85°C
200
200
V/mV
−40°C ≤ TA ≤ +125°C
150
150
V/mV
Large Signal Voltage Gain
AVO
RL = 2 kΩ,
−10 V ≤ VOUT ≤ +10 V
200
200
V/mV
−40°C ≤ TA ≤ +85°C
125
125
V/mV
−40°C ≤ TA ≤ +125°C
100
100
V/mV
Long-Term Offset Voltage1
VOS
150
300
μV
Offset Voltage Drift2
ΔVOS/ΔT
0.2
1.75
μV/°C
OUTPUT CHARACTERISTICS
Output Voltage Swing High
VOH
IL = 1 mA
14.1
14.2
14.1
14.2
V
IL = 1 mA, −40°C ≤ TA ≤ +125°C
14.0
14.0
V
IL = 5 mA
13.9
14.1
13.9
14.1
V
Output Voltage Swing Low
VOL
IL = −1 mA
−14.7
−14.6
−14.7
−14.6
V
IL = −1 mA,
−40°C ≤ TA ≤ +125°C
−14.4
−14.4
V
IL = −5 mA
+14.2
−14.1
+14.2
−14.1
V
Short-Circuit Current
ISC
±25
±25
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = ±1.5 V to ±18 V
100
120
97
120
dB
−40°C ≤ TA ≤ +125°C
97
94
dB
Supply Current per Amplifier
ISY
VOUT = 0 V, VS = ±18 V,
−40°C ≤ TA ≤ +125°C, RL = ∞
30
30
μA
NOISE PERFORMANCE
Voltage Noise Density
en
f = 1 kHz
65
65
nV/√Hz
Current Noise Density
in
f = 1 kHz
0.05
0.05
pA/√Hz
Voltage Noise
en p-p
0.1 Hz to 10 Hz
3
3
μV p-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com